Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSEA16-06AC Datasheet (PDF) - IXYS Corporation

DSEA16-06AC Datasheet PDF - IXYS Corporation
Part # DSEA16-06AC
Download  DSEA16-06AC Download
File Size   514.09 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerDynFREDTM Epitaxial Diode ISOPLUS220TM

DSEA16-06AC Datasheet (PDF)

Go To PDF Page Download Datasheet
DSEA16-06AC Datasheet PDF - IXYS Corporation

Part # DSEA16-06AC
Download  DSEA16-06AC Click to download

File Size   514.09 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerDynFREDTM Epitaxial Diode ISOPLUS220TM

DSEA16-06AC Datasheet (HTML) - IXYS Corporation


DSEA16-06AC Product details

HiPerDynFRED™ Epitaxial Diode ISOPLUS220™  Electrically Isolated Back Surface

Features
• Silicon chip on Direct-Copper-Bond substrate
    - High power dissipation
    - Isolated mounting surface
    - 2500V electrical isolation
• Low cathode to tab capacitance (<15pF)
• Planar passivated chips
• Very short recovery time
• Extremely low switching losses
• Low IRM-values
• Soft recovery behaviour
• Epoxy meets UL 94V-0

Applications
• Antiparallel diode for high frequency switching devices
• Antisaturation diode
• Snubber diode
• Free wheeling diode in converters and motor control circuits
• Rectifiers in switch mode power supplies (SMPS)
• Inductive heating
• Uninterruptible power supplies (UPS)
• Ultrasonic cleaners and welders

Advantages
• Avalanche voltage rated for reliable operation
• Soft reverse recovery for low EMI/RFI
• Low IRM reduces:
    - Power dissipation within the diode
    - Turn-on loss in the commutating switch




Similar Part No. - DSEA16-06AC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEA16-06BC IXYS-DSEA16-06BC Datasheet
539Kb / 3P
HiPerDynFRED Epitaxial Diode ISOPLUS220
logo
Thinki Semiconductor Co...
DSEA16-06BC THINKISEMI-DSEA16-06BC Datasheet
270Kb / 2P
16.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
More results


Similar Description - DSEA16-06AC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP30-06CR IXYS-DSEP30-06CR Datasheet
21Kb / 1P
HiPerDynFREDTM Epitaxial Diode with soft recovery (Electrically Isolated Back Surface)
DSEP15-12CR IXYS-DSEP15-12CR Datasheet
21Kb / 1P
HiPerDynFREDTM Epitaxial Diode with soft recovery
IXFC60N20 IXYS-IXFC60N20 Datasheet
77Kb / 2P
HiPerFET MOSFET ISOPLUS220TM
DSEA59-06BC IXYS-DSEA59-06BC Datasheet
526Kb / 2P
HiPerFREDTM Epitaxial Diode ISOPLUS220TM
DSEE30-12A IXYS-DSEE30-12A Datasheet
102Kb / 2P
HiPerFRED Epitaxial Diode
DSEE15-12CC IXYS-DSEE15-12CC Datasheet
516Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220 (15A, 1200V, 35ns)
DSEE6-06CC IXYS-DSEE6-06CC Datasheet
509Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220 Electrically Isolated Back Surface
logo
KEC(Korea Electronics)
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
logo
Semikron International
SKMD202E SEMIKRON-SKMD202E_09 Datasheet
574Kb / 3P
Ultrafast Epitaxial Diode
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
EPITAXIAL ZENER DIODE
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com