Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED8102S Datasheet (PDF) - STMicroelectronics

LED8102S Datasheet PDF - STMicroelectronics
Part # LED8102S
Download  LED8102S Download
File Size   465.22 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-channel LED driver with direct switch control

LED8102S Datasheet (PDF)

Go To PDF Page Download Datasheet
LED8102S Datasheet PDF - STMicroelectronics

Part # LED8102S
Download  LED8102S Click to download

File Size   465.22 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-channel LED driver with direct switch control

LED8102S Datasheet (HTML) - STMicroelectronics


LED8102S Product details

Features
• 8 constant current output channels controlled by switch inputs
• Output enable input for global dimming
• Output current: from 5 mA to 100 mA
• Current programmable through external resistor
• Supply voltage: 3 V to 5.5 V
• Thermal shutdown
• 19 V current generators rated voltage
• Available in high thermal efficiency TSSOP exposed pad package
• ESD protection 2.0 kV HBM, 100 V MM

Description
The LED8102S is a monolithic, low voltage, 8 low-side-channel LED driver. The
LED8102S guarantees up to 19 V output driving capability allowing users to connect
several LEDs in series. In the output stage, 8 regulated current sources provide from
5 mA to 100 mA constant current to drive the LEDs. Current is programmed through
a single external resistor.
LED8102S is equipped with a thermal management that protects the device forcing
it in shutdown (typically: power-off at 170 °C with 15 °C hysteresis to restart). The
thermal protection switches OFF only the output channels.
The operative supply voltage range is between 3 V and 5.5 V. The output control
is provided by four switch inputs, providing an on/off toggle action suitable also for
local dimming. Moreover, on all active output LEDs brightness can be adjusted with a
global PWM signal applied to the output enable pin (OE). Outputs can be connected
in parallel, or left unconnected if not used, as required by the application.

Applications
• White and RGB lighting and Backlight
– Appliance display and human interface
– Industrial display and function indicator
– Architectural Lighting




Similar Part No. - LED8102S

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED810-01AU ROITHNER-LED810-01AU Datasheet
1,004Kb / 9P
Infrared LED Lamp
LED810-02AU ROITHNER-LED810-02AU Datasheet
1,004Kb / 9P
Infrared LED Lamp
LED810-03AU ROITHNER-LED810-03AU Datasheet
1,004Kb / 9P
Infrared LED Lamp
LED810-04AU ROITHNER-LED810-04AU Datasheet
1,004Kb / 9P
Infrared LED Lamp
LED810-05AU ROITHNER-LED810-05AU Datasheet
1,004Kb / 9P
Infrared LED Lamp
More results


Similar Description - LED8102S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
4-Channel LED Driver with Phase Shift Control
May 19, 2010
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
8-Channel LED Driver
May 9, 2008
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
6-Channel LED Driver with Phase Shift Control
March 12, 2010
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
8-Channel LED Driver
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
4-Channel LED Driver with Phase Shift Control
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
8 Channel LED Driver with I짼C Interface
logo
STMicroelectronics
ALED8102S STMICROELECTRONICS-ALED8102S Datasheet
620Kb / 19P
Automotive 8-channel LED driver with direct switch control
05-May-2022
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com