Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

63-23-220-8 Datasheet (PDF) - Emerson Network Power

63-23-220-8 Datasheet PDF - Emerson Network Power
Part # 63-23-220-8
Download  63-23-220-8 Download
File Size   228.63 Kbytes
Page   2 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description MCR Hardwired Series: Line Conditioning with Voltage Regulation

63-23-220-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
63-23-220-8 Datasheet PDF - Emerson Network Power

Part # 63-23-220-8
Download  63-23-220-8 Click to download

File Size   228.63 Kbytes
Page   2 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description MCR Hardwired Series: Line Conditioning with Voltage Regulation

63-23-220-8 Datasheet (HTML) - Emerson Network Power


63-23-220-8 Product details

Suitable Applications
• Industrial automation and control equipment PLCs
• Machine tools
• Computer loads and electronic equipment
• Robotics
• Semiconductor fabrication equipment

Features
• Superior voltage regulation of ± 5% for 50 Hz units, ± 3% for 60 Hz units
• Surge protection tested to ANSI/IEEE C62.41, Class A & B waveform
• Harmonic filtering
• Hardwired
• Acts as a step-up/step-down transformer
• Galvanic isolation provides exceptional circuit protection
• 25 year typical mean time between failure
• No maintenance required

Certifications and compliances
All Models
• RoHS Compliant
Selection Table: Group 2
• Listed (120VA-750VA Units) (1-5kVa (“-C8”) Units)
- UL 1012, CSA C22.2 No. 107.1
• Listed (7.5kVA-15kVA Units) (1-5kVa (“-8”) Units)
- UL 1012
Selection Table: Group 3
• Listed (500VA-3kVA Units)
- UL 1012, CSA C22.2 No. 107.1
• Certified (5kVA-15kVA Units)
- CSA C22.2 No. 66
Selection Table: Group 4
• Listed
- UL 1012, CSA C22.2 No. 107.1




Similar Part No. - 63-23-220-8

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
Diode Lasers,High Brightness 10 W, 9xx nm
logo
Elma Electronic Ltd
63-046 ELMA-63-046 Datasheet
1Mb / 19P
UNIBOX 14
63-046 ELMA-63-046 Datasheet
1Mb / 9P
CHASSIS AND SUBRACKS
63-111 ELMA-63-111 Datasheet
1Mb / 19P
UNIBOX 14
63-127 ELMA-63-127 Datasheet
673Kb / 4P
CHASSIS AND SUBRACKS
More results


Similar Description - 63-23-220-8

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
LCM-120 INTERPOINT-LCM-120 Datasheet
85Kb / 7P
LINE CONDITIONING MODULE
logo
Connor-Winfield Corpora...
HVR54-200SP CONNOR-WINFIELD-HVR54-200SP Datasheet
61Kb / 1P
VCXO WITH INTERNAL VOLTAGE REGULATION
logo
Rohm
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
Voltage regulation
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
Voltage regulation
logo
List of Unclassifed Man...
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LC2400 ETC2-LC2400 Datasheet
545Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LCR2400 ETC2-LCR2400 Datasheet
485Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
logo
International Rectifier
IR3846M IRF-IR3846M_15 Datasheet
3Mb / 54P
Enhanced line/load regulation with Feed-Forward
logo
Astec America, Inc
ALQ20B48 ASTEC-ALQ20B48 Datasheet
145Kb / 2P
Line regulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com