Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSH3 Datasheet (PDF) - Recom International Power

RSH3 Datasheet PDF - Recom International Power
Part # RSH3
Download  RSH3 Download
File Size   915.25 Kbytes
Page   6 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 3 Watt SMD DIP14 Single and Dual

RSH3 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSH3 Datasheet PDF - Recom International Power

Part # RSH3
Download  RSH3 Click to download

File Size   915.25 Kbytes
Page   6 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 3 Watt SMD DIP14 Single and Dual

RSH3 Datasheet (HTML) - Recom International Power


RSH3 Product details

Description
High power density 3W SMD isolated DC/DC single and dual output converters. The RSH3 is
available with three different input ranges and offers single or dual regulated output. There is no minimum load requirement. Standard isolation is 2kVDC/1min and a /H3 version with 3kVDC/1min is available. The operating temperature is from -40°C up to +81°C without derating. The DIP14 SMD pin-out is industry standard, and the converters come equipped with ON/OFF control and, short circuit protection, and over current protection, making them ideal for highly sophisticated
industrial designs. The converters are fully certified to IEC/EN/UL62368 (3rd Edition) and are 10/10 RoHS conform.

Features
• 3W power in compact SMD package
• Operating temperature from -40°C to +81°C
with no derating
• 2kVDC or 3kVDC/1minute isolation voltage
• IEC/EN/UL62368 3rd Edition certified
• Fully protected- OLP, OCP & SCP




Similar Part No. - RSH3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSH300 ETC-RSH300 Datasheet
680Kb / 1P
SPACE HEATERS
logo
Apex Electronics Co., L...
RSH304RH APEX-ELECTRONICS-RSH304RH Datasheet
1Mb / 3P
7.2*7.2mm rotary coded switch, SMD and through hole
RSH304RM APEX-ELECTRONICS-RSH304RM Datasheet
1Mb / 3P
7.2*7.2mm rotary coded switch, SMD and through hole
RSH304RR APEX-ELECTRONICS-RSH304RR Datasheet
1Mb / 3P
7.2*7.2mm rotary coded switch, SMD and through hole
RSH310RH APEX-ELECTRONICS-RSH310RH Datasheet
1Mb / 3P
7.2*7.2mm rotary coded switch, SMD and through hole
More results


Similar Description - RSH3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RA-XX1.8S RECOM-RA-XX1.8S Datasheet
94Kb / 2P
RA Series 1 Watt DIP14 (Single & Dual Output)
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RJ-1.81.8S RECOM-RJ-1.81.8S_06 Datasheet
109Kb / 3P
1 Watt DIP14 Single & Dual Output
RJZ-3.33.3S RECOM-RJZ-3.33.3S Datasheet
102Kb / 3P
2 Watt DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
R3M RECOM-R3M Datasheet
869Kb / 6P
3 Watt SMD Single & Dual Output
REV.: 0/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com