Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

171-037103L032 Datasheet (PDF) - NorComp

171-037103L032 Datasheet PDF - NorComp
Part # 171-037103L032
Download  171-037103L032 Download
File Size   95.12 Kbytes
Page   2 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description WILL ACCEPT 28-20 AWG CONDUCTORS

171-037103L032 Datasheet (PDF)

Go To PDF Page Download Datasheet
171-037103L032 Datasheet PDF - NorComp

Part # 171-037103L032
Download  171-037103L032 Click to download

File Size   95.12 Kbytes
Page   2 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description WILL ACCEPT 28-20 AWG CONDUCTORS

171-037103L032 Datasheet (HTML) - NorComp


171-037103L032 Product details

SPECIFICATIONS:
MATERIALS:
SHELL: NICKEL OR TIN PLATED STEEL
INSULATOR: PBT +30% GF, UL 94V-0, BLACK
ELECTRICALS:
CURRENT RATING: 5 AMPS
CONTACT RESISTANCE: 15 mOHMS MAX
INSULTOR RESISTANCE: 1000 MOHMS MIN
CONTACTS: COPPER ALLOY, GOLD PLATED
VOLTAGE: 500V AC FOR 1 MINUTE
WORKING VOLTAGE: 250 VAC
TEMPERATURE: -50°C TO +100°C




Similar Part No. - 171-037103L032

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
Single Row Strips with Solder Cups
171-001-10NS-P1CLMH GLENAIR-171-001-10NS-P1CLMH Datasheet
607Kb / 2P
Single Row Strips with Solder Cups
171-001-10NS-PBCLMH GLENAIR-171-001-10NS-PBCLMH Datasheet
607Kb / 2P
Single Row Strips with Solder Cups
171-001-10NS-PCLMH GLENAIR-171-001-10NS-PCLMH Datasheet
607Kb / 2P
Single Row Strips with Solder Cups
171-001-10PS-P1CLMH GLENAIR-171-001-10PS-P1CLMH Datasheet
607Kb / 2P
Single Row Strips with Solder Cups
More results


Similar Description - 171-037103L032

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
1SE1 HONEYWELL-ACC-1SE1 Datasheet
59Kb / 1P
MOUNTING HOLES WILL ACCEPT
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1345055 ETC2-1345055 Datasheet
100Kb / 3P
28 AWG stranded (7x36) TC conductors, Datalene insulation
1345998 ETC2-1345998 Datasheet
100Kb / 3P
28 AWG stranded (7x36) TC conductors, Datalene insulation
28526 ETC2-28526 Datasheet
33Kb / 3P
28 AWG stranded (7x36) TC conductors, Datalene insulation
1348167 ETC2-1348167 Datasheet
99Kb / 3P
28 AWG stranded (7x36) TC conductors, polypropylene insulation
1348175 ETC2-1348175 Datasheet
99Kb / 3P
28 AWG stranded (7x36) TC conductors, polypropylene insulation,
1351322 ETC2-1351322 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
8132 ETC2-8132 Datasheet
102Kb / 3P
28 AWG stranded (7x36) TC conductors, Datalene insulation
logo
Alpha Wire
9853C ALPHAWIRE-9853C Datasheet
35Kb / 3P
Transceiver drop cable, consisting of 3 pairs 20 AWG (7/28) tinned copper conductors,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com