Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC32PT Datasheet (PDF) - STMicroelectronics

LEOAC32PT Datasheet PDF - STMicroelectronics
Part # LEOAC32PT
Download  LEOAC32PT Download
File Size   505.58 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard plastic quad two-input OR gate

LEOAC32PT Datasheet (PDF)

Go To PDF Page Download Datasheet
LEOAC32PT Datasheet PDF - STMicroelectronics

Part # LEOAC32PT
Download  LEOAC32PT Click to download

File Size   505.58 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard plastic quad two-input OR gate

LEOAC32PT Datasheet (HTML) - STMicroelectronics


LEOAC32PT Product details

Features
• Two-input OR gate
• 6 V max. operating
• 7 V max. rating
• 8.5 ns propagation delay
• Nickel/Palladium/Gold-lead-finished (NiPdAu), whisker-free
• Gold-wires
• RML < 1% and CVCM < 0.1% guaranteed outgassing
• 50 krad (Si) Total Ionizing Dose
• SEL-free up to 62.5 MeV.cm²/mg
• Mass: 80 mg
• Compliant with ST-LEO-specification

Description
The LEOAC32 is a CMOS low power quad 2-input OR gate qualified for use in
aerospace environments. It operates from a 2 V to 6 V power supply (7 V absolute
maximum rating).
The LEOAC32 can operate over a large temperature range of -40 °C to +125 °C and
it is housed in plastic TSSOP-20, Thin-Shrink Small Outline Package, 20 leads, using
golden bonding and Nickel/Palladium/Golden-lead-finishing to prevent whiskers.
The LEOAC32 is compliant with ST-LEO-specification, dedicated specification for
space-ready rad-hard plastic products. This AEC-Q100-based specification offers
a specific trade-off between footprint size savings, cost of ownership and quality
assurance, together with radiation hardness and large quantity capability.

Applications
• Low earth orbit (LEO) applications




Similar Part No. - LEOAC32PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT STMICROELECTRONICS-LEOAC00PT Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT-D STMICROELECTRONICS-LEOAC00PT-D Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC08 STMICROELECTRONICS-LEOAC08 Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
LEOAC08PT STMICROELECTRONICS-LEOAC08PT Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
More results


Similar Description - LEOAC32PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC00 STMICROELECTRONICS-M54HC00_04 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT NAND GATE
Mar-2004
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
RAD-HARD QUAD 2-INPUT NOR GATE
Mar-2004
M54HC08 STMICROELECTRONICS-M54HC08_04 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT AND GATE
Mar-2004
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OR GATE
Apr-2004
M54HC86 STMICROELECTRONICS-M54HC86_04 Datasheet
181Kb / 9P
RAD HARD QUAD EXCLUSIVE OR GATE
01-Jun-2004
M54HC132 STMICROELECTRONICS-M54HC132_04 Datasheet
104Kb / 7P
RAD-HARD QUAD 2-INPUT SCHMITT NAND GATE
Mar-2004
M54HC4072 STMICROELECTRONICS-M54HC4072_04 Datasheet
192Kb / 9P
RAD-HARD DUAL 4-INPUT OR GATE
14-May-2004
M54HC4075 STMICROELECTRONICS-M54HC4075_04 Datasheet
193Kb / 9P
RAD-HARD TRIPLE 3-INPUT OR GATE
14-May-2004
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC08 STMICROELECTRONICS-LEOAC08 Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com