Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN1605H-6T Datasheet (PDF) - STMicroelectronics

TN1605H-6T Datasheet PDF - STMicroelectronics
Part # TN1605H-6T
Download  TN1605H-6T Download
File Size   409.12 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 16 A SCRs

TN1605H-6T Datasheet (PDF)

Go To PDF Page Download Datasheet
TN1605H-6T Datasheet PDF - STMicroelectronics

Part # TN1605H-6T
Download  TN1605H-6T Click to download

File Size   409.12 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 16 A SCRs

TN1605H-6T Datasheet (HTML) - STMicroelectronics


TN1605H-6T Product details

Features
 High junction temperature: Tj = 150 °C
 Gate triggering current IGT = 6 mA
 High noise immunity dV/dt = 200 V/μs up to 150 °C
 Blocking voltage VDRM/VRRM = 600 V
 High turn-on current rise dI/dt: 100 A/μs
 ECOPACK® 2 compliant component

Description
Designed with high immunity switching to external surges, the device offers robust switching up to its 150 °C maximum Tj.
The combination of noise immunity and low gate triggering current allows to design strong and compact control circuit.

Applications
 Motorbikes voltage regulator circuits
 Inrush current limiting circuits
 Motor control circuits and starters
 Light dimmers
 Solid state relays




Similar Part No. - TN1605H-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1605H-6T STMICROELECTRONICS-TN1605H-6T Datasheet
489Kb / 6P
Inrush current limiter for active AC-DC bridge rectifier
19-Sep-2022
More results


Similar Description - TN1605H-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN1605H-6FP STMICROELECTRONICS-TN1605H-6FP Datasheet
329Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
TN1610H-6T STMICROELECTRONICS-TN1610H-6T Datasheet
330Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
TN4015H-6G STMICROELECTRONICS-TN4015H-6G Datasheet
401Kb / 9P
High temperature 40 A SCRs
01-Aug-2016
TN4015H-6I STMICROELECTRONICS-TN4015H-6I Datasheet
380Kb / 9P
High temperature 40 A SCRs
25-Nov-2016
TN4015H-6T STMICROELECTRONICS-TN4015H-6T Datasheet
398Kb / 9P
High temperature 40 A SCRs
08-Sep-2016
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
High temperature 16 A SCRs
26-Jun-2017
TN2010H-6T STMICROELECTRONICS-TN2010H-6T Datasheet
425Kb / 9P
High temperature 20 A SCRs
August 2017 Rev 1
TN5015H-6G STMICROELECTRONICS-TN5015H-6G Datasheet
423Kb / 9P
High temperature 50 A SCRs
08-Jun-2017
TN5015H-6T STMICROELECTRONICS-TN5015H-6T Datasheet
404Kb / 9P
High temperature 50 A SCRs
01-Jun-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com