Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2010H-6G Datasheet (PDF) - STMicroelectronics

TN2010H-6G Datasheet PDF - STMicroelectronics
Part # TN2010H-6G
Download  TN2010H-6G Download
File Size   414.48 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 20 A SCRs

TN2010H-6G Datasheet (PDF)

Go To PDF Page Download Datasheet
TN2010H-6G Datasheet PDF - STMicroelectronics

Part # TN2010H-6G
Download  TN2010H-6G Click to download

File Size   414.48 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 20 A SCRs

TN2010H-6G Datasheet (HTML) - STMicroelectronics


TN2010H-6G Product details

Features
 High junction temperature: Tj = 150 °C
 High noise immunity dV/dt = 400 V/μs up to 150 °C
 Gate triggering current IGT = 10 mA
 Peak off-state voltage VDRM/VRRM = 600 V
 High turn on current rise dI/dt = 100 A/μs
 ECOPACK® 2 compliant component

Description
This device offers high thermal performance during operation of up to 20 ARMS, thanks to a junction temperature of up to 150 °C.
Its D²PAK package allows modern SMD designs as well as compact back to back configuration.
The combination of noise immunity and low gate triggering current allows to design strong and compact control circuits.

Applications
 Motorbike voltage regulator circuits
 Inrush current limiting circuits
 Motor control circuits and starters
 Light dimmers
 Solid state relays




Similar Part No. - TN2010H-6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN2010H-6FP STMICROELECTRONICS-TN2010H-6FP Datasheet
344Kb / 9P
High temperature 20 A SCRs
01-Aug-2017
TN2010H-6I STMICROELECTRONICS-TN2010H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2010H-6T STMICROELECTRONICS-TN2010H-6T Datasheet
425Kb / 9P
High temperature 20 A SCRs
August 2017 Rev 1
More results


Similar Description - TN2010H-6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN1605H-6FP STMICROELECTRONICS-TN1605H-6FP Datasheet
329Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
TN2015H-6FP STMICROELECTRONICS-TN2015H-6FP Datasheet
329Kb / 9P
High temperature 20 A SCRs
25-Feb-2015
TN4015H-6I STMICROELECTRONICS-TN4015H-6I Datasheet
380Kb / 9P
High temperature 40 A SCRs
25-Nov-2016
TN2015H-6T STMICROELECTRONICS-TN2015H-6T Datasheet
324Kb / 9P
High temperature 20 A SCRs
February 2015 Rev 1
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
High temperature 16 A SCRs
26-Jun-2017
TN2010H-6FP STMICROELECTRONICS-TN2010H-6FP Datasheet
344Kb / 9P
High temperature 20 A SCRs
01-Aug-2017
TN2010H-6T STMICROELECTRONICS-TN2010H-6T Datasheet
425Kb / 9P
High temperature 20 A SCRs
August 2017 Rev 1
TN5015H-6G STMICROELECTRONICS-TN5015H-6G Datasheet
423Kb / 9P
High temperature 50 A SCRs
08-Jun-2017
TN5015H-6T STMICROELECTRONICS-TN5015H-6T Datasheet
404Kb / 9P
High temperature 50 A SCRs
01-Jun-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com