Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0511946H Datasheet (PDF) - Eudyna Devices Inc

P0511946H Datasheet PDF - Eudyna Devices Inc
Part # P0511946H
Download  P0511946H Download
File Size   413.31 Kbytes
Page   5 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description 1.9 GHz band Power Amplifier Module

P0511946H Datasheet (PDF)

Go To PDF Page Download Datasheet
P0511946H Datasheet PDF - Eudyna Devices Inc

Part # P0511946H
Download  P0511946H Click to download

File Size   413.31 Kbytes
Page   5 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description 1.9 GHz band Power Amplifier Module

P0511946H Datasheet (HTML) - Eudyna Devices Inc




Similar Part No. - P0511946H

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P0510AT NIKOSEM-P0510AT Datasheet
231Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P0510AT UNIKC-P0510AT Datasheet
783Kb / 8P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - P0511946H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
For 1.9 GHz - Power Amplifier
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
1.9 GHz Power Amplifier
logo
Eudyna Devices Inc
P0531961H EUDYNA-P0531961H Datasheet
118Kb / 6P
1.9 GHz band Power Amplifier Module
P0531981H EUDYNA-P0531981H Datasheet
99Kb / 6P
1.9 GHz band Power Amplifier Module
logo
NEC
UPC8119T NEC-UPC8119T_02 Datasheet
40Kb / 3P
1.9 GHz AGC AMPLIFIER
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
1.9 ~ 2.5 GHz Band Power Amplifier
logo
Johanson Technology Inc...
1906BP18A027 JOHANSON-1906BP18A027 Datasheet
107Kb / 2P
1.9 GHz Band Pass Filter
1906BP18C027 JOHANSON-1906BP18C027 Datasheet
83Kb / 2P
1.9 GHz Band Pass Filter
logo
Mitsubishi Electric Sem...
MGFL45V1920A MITSUBISHI-MGFL45V1920A_11 Datasheet
124Kb / 3P
1.9-2.0 GHz BAND / 32W
MGFL48V1920 MITSUBISHI-MGFL48V1920_11 Datasheet
321Kb / 5P
1.9-2.0 GHz BAND / 60W
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com