Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9078 Datasheet (PDF) - Richtek Technology Corporation

RT9078 Datasheet PDF - Richtek Technology Corporation
Part # RT9078
Download  RT9078 Download
File Size   258.8 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2μA IQ, 300mA Low-Dropout Linear Regulator

RT9078 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9078 Datasheet PDF - Richtek Technology Corporation

Part # RT9078
Download  RT9078 Click to download

File Size   258.8 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2μA IQ, 300mA Low-Dropout Linear Regulator

RT9078 Datasheet (HTML) - Richtek Technology Corporation


RT9078 Product details

Applications
 Portable, Battery Powered Equipment
 Ultra Low Power Microcontrollers
 Notebook Computers

Features
 Input Voltage Range : 1.2V to 5.5V
 2μA Ground Current (IQ) at no Load
 PSRR = 75dB at 1kHz
 Adjustable Output Voltage Range :
 0.8V to 5V (TSOT-23-5 Package with SNS Pin Only)
 ±2% Output Accuracy
 Low (0.1μA) Shutdown Current
 Dropout Voltage : 0.15V at 300mA when VOUT ≥ 3V
 Support Fixed Output Voltage 0.8V, 1.0V, 1.05V, 1.1V,
1.2V, 1.25V, 1.3V, 1.5V, 1.8V, 1.85V, 2V, 2.5V, 2.8V,
2.85V, 3V, 3.1V, 3.3V, 3.45V
 Current Limit Protection
 Over Temperature Protection
 Output Active Discharge Function
 TSOT-23-5 and ZQFN-4L 1x1 (ZDFN-4L 1x1) Packages Available




Similar Part No. - RT9078

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078 Datasheet
250Kb / 14P
Low-Dropout Linear Regulator
RT9078-1B08GJ5 RICHTEK-RT9078-1B08GJ5 Datasheet
250Kb / 14P
Low-Dropout Linear Regulator
RT9078-1B08GQZ RICHTEK-RT9078-1B08GQZ Datasheet
250Kb / 14P
Low-Dropout Linear Regulator
RT9078-1H08GJ5 RICHTEK-RT9078-1H08GJ5 Datasheet
250Kb / 14P
Low-Dropout Linear Regulator
RT9078-1H08GQZ RICHTEK-RT9078-1H08GQZ Datasheet
250Kb / 14P
Low-Dropout Linear Regulator
More results


Similar Description - RT9078

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
300mA Low- Dropout Linear Regulator|
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com