Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8050 Datasheet (PDF) - Stanson Technology

8050 Datasheet PDF - Stanson Technology
Part # 8050
Download  8050 Download
File Size   90.81 Kbytes
Page   1 Pages
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology
Description NPN TRANSISTOR

8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
8050 Datasheet PDF - Stanson Technology

Part # 8050
Download  8050 Click to download

File Size   90.81 Kbytes
Page   1 Pages
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology
Description NPN TRANSISTOR

8050 Datasheet (HTML) - Stanson Technology


8050 Product details

Power Dissipation
   Pcm : 1.0W
Collector Current
   Icm : 1.5A
Collector-Base Voltage
   Vcbo: 45V




Similar Part No. - 8050

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
8050 MICRO-ELECTRONICS-8050 Datasheet
120Kb / 1P
NPN EPITAXIAL SILICON PLANAR TRANSISTOR
logo
Daya Electric Group Co....
8050 DAYA-8050 Datasheet
802Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
8050 ETC2-8050 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Nanjing International G...
8050 DGNJDZ-8050 Datasheet
102Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Foshan Blue Rocket Elec...
8050 FOSHAN-8050 Datasheet
866Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
More results


Similar Description - 8050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com