Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8550 Datasheet (PDF) - Stanson Technology

8550 Datasheet PDF - Stanson Technology
Part # 8550
Download  8550 Download
File Size   90.1 Kbytes
Page   1 Pages
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology
Description PNP TRANSISTOR

8550 Datasheet (PDF)

Go To PDF Page Download Datasheet
8550 Datasheet PDF - Stanson Technology

Part # 8550
Download  8550 Click to download

File Size   90.1 Kbytes
Page   1 Pages
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology
Description PNP TRANSISTOR

8550 Datasheet (HTML) - Stanson Technology


8550 Product details

PNP TRANSISTOR

• Power Dissipation: 1.0W
• Collector Current: -1.5A
• Collector-Base Voltage: -45V




Similar Part No. - 8550

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
8550 MICRO-ELECTRONICS-8550 Datasheet
76Kb / 1P
GENERAL DESCRIPTION
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
8550 DGNJDZ-8550 Datasheet
105Kb / 5P
PNP Silicon Epitaxial Planar Transistor
logo
Foshan Blue Rocket Elec...
8550 FOSHAN-8550 Datasheet
884Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
logo
PHOENIX CONTACT
8550 PHOENIX-8550 Datasheet
323Kb / 22P
AXL E ETH DI8 DO8 M12 6P
More results


Similar Description - 8550

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com