Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM8B54E Datasheet (PDF) - Ceramate Technical

CTM8B54E Datasheet PDF - Ceramate Technical
Part # CTM8B54E
Download  CTM8B54E Download
File Size   302.71 Kbytes
Page   23 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description EPROM-Based 8-Bit COMS Microcontroller

CTM8B54E Datasheet (PDF)

Go To PDF Page Download Datasheet
CTM8B54E Datasheet PDF - Ceramate Technical

Part # CTM8B54E
Download  CTM8B54E Click to download

File Size   302.71 Kbytes
Page   23 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description EPROM-Based 8-Bit COMS Microcontroller

CTM8B54E Datasheet (HTML) - Ceramate Technical


CTM8B54E Product details

GENERAL DESCRIPTION
CTM8B5X series is an EPROM based 8-bit microcontroller which employs a full CMOS technology enhanced with low-cost, high speed and high noise immunity. Watchdog Timer, RAM, EPROM, tri-state I/O port, power down mode, and real time programmable clock/counter are integrated into this chip. CTM8B5X contains 33 instructions, all are single cycle except for program branches which take two cycles.
On chip memory is available with 512x14 bits of EPROM for CTM8B54E/55E, 1Kx14 bits of EPROM for CTM8B56E, 2Kx14 bits of EPROM for CTM8B57E and 24 to 72 bytes of static RAM.

FEATURES
• Total of 33 single word instructions .
• The fast execution time may be 200ns for all single
   cycle instructions under 20MHz operating.
• Operating voltage range: 2.3V ~ 6.5V
• 8-bit data bus.
• 14-bit instruction word.
• Four-level stacks.
• On chip EPROM size :
   512x14 bits for CTM8B54E/55E,
   1Kx14 bits for CTM8B56E,
   2Kx14 bits for CTM8B57E.
• Internal RAM size : 25 bytes for CTM8B54E/56E, 24 bytes for CTM8B55E,
• 72 bytes for CTM8B57E.
• Direct and indirect addressing modes for data accessing
• 8-bit real time clock/counter with 8-bit programmable prescaler.
• Internal power-on Reset.
• Device Reset Timer.
• Code protection.
• Sleep mode for power saving.
• On chip Watchdog Timer(WDT) based on internal RC oscillator.
• Three I/O ports PA, PB nad PC with independent direction control.
• 4 types of oscillator can be selected by code options:
   - RC : Low-cost RC oscillator
   - XTAL : Standard crystal oscillator
   - HFXTAL : High frequency crystal oscillator
   - LFXTAL : Low frequency crystal oscillator




Similar Part No. - CTM8B54E

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
CTM8251 REICU-CTM8251 Datasheet
161Kb / 1P
Rec-Send
REV:13.1
CTM8251A REICU-CTM8251A Datasheet
142Kb / 1P
Rec-Send
REV:13.3
CTM8251AT REICU-CTM8251AT Datasheet
142Kb / 1P
Rec-Send
REV:13.3
CTM8251T REICU-CTM8251T Datasheet
161Kb / 1P
Rec-Send
REV:13.1
More results


Similar Description - CTM8B54E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
EPROM-Based 8-Bit CMOS Microcontroller
1998
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
EPROM/ROM-Based 8-Bit Microcontroller Series
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
EPROM-Based 8-Bit CMOS Microcontroller
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
EPROM-Based 8-Bit CMOS Microcontroller Series
1996
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
EPROM/ROM-Based 8-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com