Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869W Datasheet (PDF) - Monolithic Power Systems

MP8869W Datasheet PDF - Monolithic Power Systems
Part # MP8869W_V01
Download  MP8869W Download
File Size   66.77 Kbytes
Page   1 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface

MP8869W Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8869W Datasheet PDF - Monolithic Power Systems

Part # MP8869W_V01
Download  MP8869W Click to download

File Size   66.77 Kbytes
Page   1 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface

MP8869W Datasheet (HTML) - Monolithic Power Systems


MP8869W Product details

DESCRIPTION
The MP8869W is a high-frequency, synchronous,
rectified, step-down, switch-mode converter with
I2C control interface. It offers a fully integrated
solution to achieve a 12A continuous and 15A
peak output current with excellent load and line
regulation over a wide input supply range.
In the I2C control loop, the output voltage level
can be controlled on-thefly through an I2C serial
interface. The voltage range can be adjusted from
0.6V to 1.55V in 7.5mV steps. The voltage slew
rate, frequency, current limit, hiccup/latch-off
protection, enable, and power savings mode are
also selectable through the I2C interface.
COT control operation provides fast transient
response. An open drain power good pin indicates
that the output voltage is in the nominal range.
Full protection features include over-voltage
protection, over-current protection, and thermal
shutdown.
The MP8869W is available in a QFN-14(3mmx4mm) package.

FEATURES
 Wide 3V-to-18V Operating Input Range
 12A Continuous/15A Peak Output Current
 1% Internal Reference Accuracy
 I2C Programmable Output Range from 0.6V to
1.55V in 7.5mV Steps with Slew Rate Control
 5% Accuracy Output Voltage and Output
Current Read Back via I2C
 Selectable PFM/PWM Mode and Adjustable
Frequency & Current Limit through I2C
 4 Different I2C Addresses Selectable
 External Soft Start
 Open Drain Power Good Indication
 Output Over-Voltage Protection
 Hiccup/Latch Off OCP Protection
 QFN-14(3mmx4mm) Package

APPLICATIONS
 Solid State Driver (SSD)
 Flat-Panel Television and Monitors
 Digital Set-Top Boxes
 Distributed Power Systems




Similar Part No. - MP8869W_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8869WGL MPS-MP8869WGL Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869WGL MPS-MP8869WGL Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
More results


Similar Description - MP8869W_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8869S MPS-MP8869S Datasheet
2Mb / 39P
18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869W MPS-MP8869W Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
MP8764 MPS-MP8764 Datasheet
1Mb / 23P
High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com