Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2L27015CG2 Datasheet (PDF) - STMicroelectronics

RF2L27015CG2 Datasheet PDF - STMicroelectronics
Part # RF2L27015CG2
Download  RF2L27015CG2 Download
File Size   1092.31 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor

RF2L27015CG2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2L27015CG2 Datasheet PDF - STMicroelectronics

Part # RF2L27015CG2
Download  RF2L27015CG2 Click to download

File Size   1092.31 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor

RF2L27015CG2 Datasheet (HTML) - STMicroelectronics


RF2L27015CG2 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Internally input matched for ease of use
• Large positive and negative gate-source voltage range for improved class C
operation
• Excellent thermal stability, low HCI drift
• In compliance with the European directive 2002/95/EC

Description
The RF2L27015CG2 is a 15 W, 28 V, internally matched LDMOS transistor, designed
for Telecom, wideband communications and ISM applications in the frequency range
from 0.7 to 2.7 GHz. It can be used in class AB, B or C for all typical modulation
formats.

Applications
• Telecom and wideband communications
• ISM – 915 MHz and 2.45 GHz
• 915 MHz / 1.3 and 1.5 GHz particle accelerator




Similar Part No. - RF2L27015CG2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L27025CG2 STMICROELECTRONICS-RF2L27025CG2 Datasheet
1Mb / 13P
25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
19-Apr-2021
More results


Similar Description - RF2L27015CG2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
20-Apr-2021
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
21-Apr-2021
RF2L16180CF2 STMICROELECTRONICS-RF2L16180CF2 Datasheet
498Kb / 13P
180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
14-Apr-2021
RF2L27025CG2 STMICROELECTRONICS-RF2L27025CG2 Datasheet
1Mb / 13P
25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
19-Apr-2021
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
22-Apr-2021
RF2L42008CG2 STMICROELECTRONICS-RF2L42008CG2 Datasheet
1Mb / 12P
8 W, 28 V, 0.7 to 4.2 GHz RF power LDMOS transistor
27-Sep-2021
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST16045 STMICROELECTRONICS-ST16045 Datasheet
23Mb / 13P
45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
18-Mar-2021
ST36015 STMICROELECTRONICS-ST36015 Datasheet
1Mb / 11P
20 W, 28 V, 0.7 to 3.6 GHz RF power LDMOS transistor
27-Sep-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com