Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2555 Datasheet (PDF) - Micrel Semiconductor

MIC2555 Datasheet PDF - Micrel Semiconductor
Part # MIC2555
Download  MIC2555 Download
File Size   306.62 Kbytes
Page   29 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description USB - OTG Transceiver

MIC2555 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2555 Datasheet PDF - Micrel Semiconductor

Part # MIC2555
Download  MIC2555 Click to download

File Size   306.62 Kbytes
Page   29 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description USB - OTG Transceiver

MIC2555 Datasheet (HTML) - Micrel Semiconductor


MIC2555 Product details

General Description

MIC2555 is a USB On-The-Go (OTG) transceiver designed to enable intelligent self-powered devices to communicate on a peer-to-peer basis with other USB and USB OTG enabled devices. Designed to perform as a PHY for USB Serial Interface Engines (SIE), MIC2555 is compatible with a wide variety of stand-alone OTG SIE chips, OTG IP cores (used in ASIC and COT designs), and Application Specific Standard Products (ASSPs).



Features

• Complies with USB-IF USB standard 2.0 and OTG supplement Revision 1.0a.

• Provides signaling and control logic for SRP and HNP, enabling USB Dual-role device operation.

• Designed for Full-speed and Low-speed USB communications.

• I2C controller interface.

• Offers 3 modes of operation:

- USB

- UART

- Audio

• Operates with VLOGIC of 1.6V – 4.5V, assuring compatibility with low voltage ASICs.

• Tri-level ID detection for recognition of USB and non-USB devices.

• Supports USB /Car Kit audio interface.

• Allows Single-ended and Differential Logic I/O.

• Integrated charge pump for VBUS supply.

• On-chip pull-up, pull-down resistors minimize external component count.

• Suspend and Power-down modes for power conservation.

• Operates over the full Industrial Temperature range: –40°C to +85°C.



Applications

• Cellular Telephones

• PDAs

• Digital Still Cameras

• Camcorders

• Data Cradles

• CD and MP3 players

• Printers




Similar Part No. - MIC2555

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
277Kb / 29P
USB ??OTG Transceiver
MIC2555-0BML MICREL-MIC2555-0BML Datasheet
277Kb / 29P
USB ??OTG Transceiver
MIC2555-0YML MICREL-MIC2555-0YML Datasheet
277Kb / 29P
USB ??OTG Transceiver
MIC2555-1BML MICREL-MIC2555-1BML Datasheet
277Kb / 29P
USB ??OTG Transceiver
MIC2555-1YML MICREL-MIC2555-1YML Datasheet
277Kb / 29P
USB ??OTG Transceiver
More results


Similar Description - MIC2555

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
USB OTG 5V Charge Pump
logo
Texas Instruments
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
POWER MANAGEMENT IC for USB-OTG
logo
STMicroelectronics
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
USB-OTG Full-speed Transceiver
17-Oct-2006
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
USB-OTG Full-speed Transceiver
17-Oct-2006
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555_06 Datasheet
277Kb / 29P
USB ??OTG Transceiver
logo
STMicroelectronics
UM0212 STMICROELECTRONICS-UM0212 Datasheet
264Kb / 13P
STOTG04 USB OTG full-speed
19-Nov-2008
logo
ON Semiconductor
ESD7383 ONSEMI-ESD7383 Datasheet
213Kb / 6P
USB-OTG 3-Line Protection
September, 2011 ??Rev. 0
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
Full USB Compliance and USB-OTG Support
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
1A USB-OTG Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com