Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040A-2.5 Datasheet (PDF) - Silicon Supplies

LM4040A-2.5 Datasheet PDF - Silicon Supplies
Part # LM4040A-2.5_V02
Download  LM4040A-2.5 Download
File Size   596.36 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Voltage Reference

LM4040A-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4040A-2.5 Datasheet PDF - Silicon Supplies

Part # LM4040A-2.5_V02
Download  LM4040A-2.5 Click to download

File Size   596.36 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Voltage Reference

LM4040A-2.5 Datasheet (HTML) - Silicon Supplies


LM4040A-2.5 Product details

Precision Micropower Shunt Voltage Reference in bare die form

Description
The LM4040A-2.5 is a high precision, two-terminal
shunt mode, bandgap voltage reference with fixed
reverse breakdown voltage of 2.5V. The device is ideal
for space-critical high reliability applications with initial
0.1% accuracy and 100ppm/°C max temperature
coefficient. A 60μA to 15mA shunt current capability
with low dynamic impedance ensures stable reverse
breakdown voltage accuracy over a wide current range
and operating temperature. No external stabilizing
capacitors are required.

Features:
±0.1% (max) output voltage tolerance at 25°C
15ppm/°C typical temperature coefficient at 25°C
Wide operating current range 60μA to 15mA
No output capacitor required
Tolerates capacitive load
Bandgap reference corrects temperature drift
Specified over military temperature range.




Similar Part No. - LM4040A-2.5_V02

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
LM4040A-2.5 SS-LM4040A-2.5_V01 Datasheet
333Kb / 4P
Voltage Reference
Rev 1.2 02/11/21
LM4040A-2.5 SS-LM4040A-2.5_V03 Datasheet
236Kb / 4P
Voltage Reference
Rev 1.3 28/07/22
More results


Similar Description - LM4040A-2.5_V02

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
Voltage Reference
LM4040A-4.1 SS-LM4040A-4.1 Datasheet
440Kb / 4P
Voltage Reference
LM4040A-4.1 SS-LM4040A-4.1_V01 Datasheet
332Kb / 4P
Voltage Reference
Rev 1.2 02/11/21
LM4040A-1.2 SS-LM4040A-1.2_V01 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040A-4.1 SS-LM4040A-4.1_V02 Datasheet
595Kb / 4P
Voltage Reference
Rev 1.3 28/07/22
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040C-2.5 SS-LM4040C-2.5 Datasheet
595Kb / 4P
Voltage Reference
Rev 1.1 29/07/22
LM4040A-10 SS-LM4040A-10 Datasheet
421Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
LM4040C-10 SS-LM4040C-10 Datasheet
421Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
LM4040D-10 SS-LM4040D-10 Datasheet
420Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com