Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet (PDF) - TDK Electronics

B722 Datasheet PDF - TDK Electronics
Part # B722
Download  B722 Download
File Size   701.42 Kbytes
Page   23 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Leaded varistors, SuperioR, S25 series

B722 Datasheet (PDF)

Go To PDF Page Download Datasheet
B722 Datasheet PDF - TDK Electronics

Part # B722
Download  B722 Click to download

File Size   701.42 Kbytes
Page   23 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Leaded varistors, SuperioR, S25 series

B722 Datasheet (HTML) - TDK Electronics


B722 Product details

Construction
Round varistor element, leaded
Coating: epoxy resin, flame-retardant to UL 94 V-0
Terminals: tinned wire

Features
High-energy SuperioR series E4
Wide operating voltage range 130 … 750 VRMS
All types duty cycle @ 6 kV/ 3 kA = >10 pulses, according to IEC 62368-1; G.8.2 and IEC
60950-1; Annex Q, IEC 61051-2
UL approval to UL 1449 (file number E321126 – exception 580 V)
Very high surge current rating up to 20 kA




Similar Part No. - B722

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B722 EPCOS-B722 Datasheet
599Kb / 22P
SIOV metal oxide varistors
April 2011
B72205-S110-K101 EPCOS-B72205-S110-K101 Datasheet
1Mb / 69P
SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72205-S140-K101 EPCOS-B72205-S140-K101 Datasheet
1Mb / 69P
SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72205-S170-K101 EPCOS-B72205-S170-K101 Datasheet
1Mb / 69P
SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
More results


Similar Description - B722

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
Leaded Varistors
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
Leaded Varistors
B72220S3111K101 EPCOS-B72220S3111K101 Datasheet
80Kb / 4P
Leaded Varistors SuperioR Series
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
Leaded Varistors Automotive Series
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
Leaded Varistors Telecom Series
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
Leaded varistors
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
B72207S600K101 EPCOS-B72207S600K101 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
B72207S1140K111 EPCOS-B72207S1140K111 Datasheet
970Kb / 46P
Leaded varistors, StandarD series
B72220P3381K101 EPCOS-B72220P3381K101 Datasheet
289Kb / 11P
Leaded Varistors SuperioR-MP series
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com