Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLN117C Datasheet (PDF) - Toshiba Semiconductor

TLN117C Datasheet PDF - Toshiba Semiconductor
Part # TLN117C
Download  TLN117C Download
File Size   245.23 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA INFRARED LED GAAS INFRAED EMITTER

TLN117C Datasheet (PDF)

Go To PDF Page Download Datasheet
TLN117C Datasheet PDF - Toshiba Semiconductor

Part # TLN117C
Download  TLN117C Click to download

File Size   245.23 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA INFRARED LED GAAS INFRAED EMITTER

TLN117C Datasheet (HTML) - Toshiba Semiconductor


TLN117C Product details

Lead(Pb)-Free
Opto−Electoronic Switches
Floppy Disk Drives
Optical Mice
Optical Touch Sensors

• Small−side−view epoxy−resin package
• High radiant intensity: IE = 0.8mW / sr(min)at IF = 20mA
• Half−angle value: θ1 / 2 = ±15°(typ.)
• Ideal for use in combination with the following photodetecteors which have identieal dimensions




Similar Part No. - TLN117C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN117 TOSHIBA-TLN117 Datasheet
211Kb / 5P
INFRARED LED GAAS INFRAED EMITTER
TLN117F TOSHIBA-TLN117F Datasheet
211Kb / 5P
INFRARED LED GAAS INFRAED EMITTER
TLN117 TOSHIBA-TLN117_07 Datasheet
211Kb / 5P
INFRARED LED GAAS INFRAED EMITTER
More results


Similar Description - TLN117C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN105B TOSHIBA-TLN105B Datasheet
291Kb / 6P
TOSHIBA INFRARED LED GAAS INFRARED EMITTER
logo
Torex Semiconductor
TLN233 TOREX-TLN233 Datasheet
140Kb / 5P
TOSHIBA Infrared LED GaALAs Infrared Emitter
logo
Toshiba Semiconductor
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN102 TOSHIBA-TLN102 Datasheet
250Kb / 5P
TOSHIBA INFRARED LED GaAs INFRARED EMITTER
TLN107A TOSHIBA-TLN107A Datasheet
185Kb / 4P
INFRARED LED GaAS INFRARED EMITTER
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN110 TOSHIBA-TLN110_07 Datasheet
198Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN115A TOSHIBA-TLN115A_07 Datasheet
203Kb / 6P
Infrared LED GaAs Infrared Emitter
TLN117 TOSHIBA-TLN117_07 Datasheet
211Kb / 5P
INFRARED LED GAAS INFRAED EMITTER
TLN119 TOSHIBA-TLN119_07 Datasheet
199Kb / 5P
Infrared LED GaAs Infrared Emitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com