Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2C25S12M3 Datasheet (PDF) - STMicroelectronics

A2C25S12M3 Datasheet PDF - STMicroelectronics
Part # A2C25S12M3
Download  A2C25S12M3 Download
File Size   948.56 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ACEPACK 2 converter inverter brake, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC

A2C25S12M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
A2C25S12M3 Datasheet PDF - STMicroelectronics

Part # A2C25S12M3
Download  A2C25S12M3 Click to download

File Size   948.56 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ACEPACK 2 converter inverter brake, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC

A2C25S12M3 Datasheet (HTML) - STMicroelectronics


A2C25S12M3 Product details

Features
• ACEPACK 2 power module
– DBC Cu Al2O3 Cu
• Converter inverter brake topology
– 1600 V, very low drop rectifiers for converter
– 1200 V, 25 A IGBTs and diodes
– Soft and fast recovery diode
• Integrated NTC
• UL recognition: UL 1557, file E81734
• Isolation rating of 2500 Vrms/min
• RoHS compliant

Description
This power module is a converter-inverter brake (CIB) topology in an ACEPACK 2
package with NTC, integrating the advanced trench gate field-stop technology from
STMicroelectronics. This new IGBT technology represents the best compromise
between conduction and switching loss, to maximize the efficiency of any converter
system up to 20 kHz.

Applications
• Inverters
• Motor drives




Similar Part No. - A2C25S12M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A2C25S12M3-F STMICROELECTRONICS-A2C25S12M3-F Datasheet
1Mb / 18P
ACEPACKTM 2 converter inverter brake, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
More results


Similar Description - A2C25S12M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1C15S12M3-F STMICROELECTRONICS-A1C15S12M3-F Datasheet
963Kb / 20P
ACEPACKTM 1 converter inverter brake, 1200 V, 15 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A1C15S12M3 STMICROELECTRONICS-A1C15S12M3 Datasheet
823Kb / 19P
ACEPACKTM 1 converter inverter brake, 1200 V, 15 A, trench gate field‑stop M series IGBT with soft diode and NTC
17-Oct-2018
A1P25S12M3-F STMICROELECTRONICS-A1P25S12M3-F Datasheet
960Kb / 16P
ACEPACKTM 1 sixpack topology, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A1P25S12M3 STMICROELECTRONICS-A1P25S12M3 Datasheet
806Kb / 15P
ACEPACKTM 1 sixpack topology, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A2C35S12M3-F STMICROELECTRONICS-A2C35S12M3-F Datasheet
1Mb / 19P
ACEPACKTM 2 converter inverter brake, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
A2C35S12M3 STMICROELECTRONICS-A2C35S12M3 Datasheet
968Kb / 18P
ACEPACK 2 converter inverter brake, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
A2C50S65M2-F STMICROELECTRONICS-A2C50S65M2-F Datasheet
1Mb / 18P
ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field‑stop M series IGBT with soft diode and NTC
A2C50S65M2 STMICROELECTRONICS-A2C50S65M2 Datasheet
952Kb / 16P
ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field-stop IGBT M series, soft diode and NTC
A2P75S12M3 STMICROELECTRONICS-A2P75S12M3 Datasheet
709Kb / 13P
ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
A2C25S12M3-F STMICROELECTRONICS-A2C25S12M3-F Datasheet
1Mb / 18P
ACEPACKTM 2 converter inverter brake, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com