Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1080L Datasheet (PDF) - Dallas Semiconductor

DS1080L Datasheet PDF - Dallas Semiconductor
Part # DS1080L
Download  DS1080L Download
File Size   178.97 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Spread-Spectrum Crystal Multiplier

DS1080L Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1080L Datasheet PDF - Dallas Semiconductor

Part # DS1080L
Download  DS1080L Click to download

File Size   178.97 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Spread-Spectrum Crystal Multiplier

DS1080L Datasheet (HTML) - Dallas Semiconductor


DS1080L Product details

General Description
The DS1080L is a low-jitter, crystal-based clock generator with an integrated phase-locked loop (PLL) to generate spread-spectrum clock outputs from 16MHz to 134MHz. The device is pin-programmable to select the clock multiplier rate as well as the dither magnitude. The DS1080L has a spread-spectrum disable mode and a power-down mode to conserve power.

Features
♦ Generates Spread-Spectrum Clocks from 16MHz to 134MHz
♦ Selectable Clock Multiplier Rates of 1x, 2x, and 4x
♦ Center Spread-Spectrum Dithering
♦ Selectable Spread-Spectrum Modulation Magnitudes of ±0.5%, ±1.0%, and ±1.5%
♦ Spread-Spectrum Disable Mode
♦ Low Cycle-to-Cycle Jitter
♦ Power-Down Mode with High-Impedance Output
♦ Low Cost
♦ Low Power Consumption
♦ 3.0V to 3.6V Single-Supply Operation
♦ -40°C to +125°C Temperature Operation
♦ Small 8-Lead µSOP Package

Applications
    Automotive
    Cable Modems
    Cell Phones
    Computer Peripherals
    Copiers
    Infotainment
    PCs
    Printers




Similar Part No. - DS1080L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L Datasheet
157Kb / 8P
Spread-Spectrum Crystal Multiplier
Rev 2; 10/09
DS1080L MAXIM-DS1080L Datasheet
269Kb / 8P
Spread-Spectrum Crystal Multiplier
Rev 3; 10/11
DS1080L MAXIM-DS1080L Datasheet
155Kb / 8P
Spread-Spectrum Crystal Multiplier
Rev 4; 5/12
DS1080L MAXIM-DS1080L Datasheet
217Kb / 8P
Spread-Spectrum Crystal Multiplier
19-4997; Rev 5; 3/13
DS1080LU+ MAXIM-DS1080LU+ Datasheet
157Kb / 8P
Spread-Spectrum Crystal Multiplier
Rev 2; 10/09
More results


Similar Description - DS1080L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1714-02 ICST-MK1714-02 Datasheet
72Kb / 5P
Spread Spectrum Multiplier Clock
Revision 120400
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L Datasheet
157Kb / 8P
Spread-Spectrum Crystal Multiplier
Rev 2; 10/09
DS1080CL MAXIM-DS1080CL Datasheet
284Kb / 8P
Spread-Spectrum Crystal Multiplier
Rev 1; 10/11
DS1080L MAXIM-DS1080L_11 Datasheet
269Kb / 8P
Spread-Spectrum Crystal Multiplier
Rev 3; 10/11
DS1080L MAXIM-DS1080L_12 Datasheet
155Kb / 8P
Spread-Spectrum Crystal Multiplier
Rev 4; 5/12
DS1080L MAXIM-DS1080L_V01 Datasheet
217Kb / 8P
Spread-Spectrum Crystal Multiplier
19-4997; Rev 5; 3/13
MAX31180 MAXIM-MAX31180 Datasheet
538Kb / 9P
Spread-Spectrum Crystal Multiplier
19-6524; Rev 3; 2/19
logo
Renesas Technology Corp
MK1714-01 RENESAS-MK1714-01 Datasheet
404Kb / 10P
SPREAD SPECTRUM MULTIPLIER CLOCK
051310
MK1714-02 RENESAS-MK1714-02 Datasheet
379Kb / 9P
SPREAD SPECTRUM MULTIPLIER CLOCK
051310
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com