Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-9001 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSDL-9001 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSDL-9001
Download  HSDL-9001 Download
File Size   87.39 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Miniature Surface-Mount Ambient Light Photo Diode

HSDL-9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-9001 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSDL-9001
Download  HSDL-9001 Click to download

File Size   87.39 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Miniature Surface-Mount Ambient Light Photo Diode

HSDL-9001 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSDL-9001 Product details

Description
The HSDL-9001 is a low cost analog-output ambient light photo diode in lowest cost miniature Quad-Flat-No Lead (QFN) lead-free surface mount package. It consists of a photodiode, which peaks in human luminosity curve at 550 nm. Hence, it provides an excellent responsivity that is close to the response of human eyes, as shown in figure 2. It provides a design-alternative to the HSDL-9000 digital-output ambient light photo sensor with infinite ambient light detection threshold control. Both the HSDL-9000 and HSDL-9001 are ideal for applications in which the measurement of ambient light is used to control display backlighting. Mobile appliances such as the mobile phones and PDAs that draw heavy current from the display backlighting will benefit from incorporating the HSDL-9000 and HSDL-9001 in their designs to reduce the power consumption significantly.

Features
• Excellent responsivity which peaks in
   the human luminosity curve at 550 nm
   Close responsivity to the human eye
• Miniature QFN surface-mount
   package
   Height – 0.60 mm
   Width – 2.00 mm
   Depth – 1.50 mm
• Infinite ambient light detection
   threshold control
• Guaranteed temperature performance
   –25°C to 85°C
• VCC supply 2.7 to 3.6 V
• Lead-free package

Applications
• Detection of ambient light to control
   display backlighting
   Mobile devices – mobile phones, PDAs
   Computing devices – notebooks,
   webpads
   Consumer devices – TVs, video
   cameras, digital still cameras
• Daylight and artificial light exposed
   devices

   




Similar Part No. - HSDL-9001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9001 AVAGO-HSDL-9001 Datasheet
96Kb / 12P
Miniature Surface-Mount Ambient Light Photo Diode
More results


Similar Description - HSDL-9001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
Miniature Surface-Mount Ambient Light Photo Sensor
HSDL-9001 AVAGO-HSDL-9001 Datasheet
96Kb / 12P
Miniature Surface-Mount Ambient Light Photo Diode
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
Miniature Surface-Mount Ambient Light Photo Sensor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com