Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2173 Datasheet (PDF) - Alpha Wire

2173 Datasheet PDF - Alpha Wire
Part # 2173
Download  2173 Download
File Size   101.3 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

2173 Datasheet (PDF)

Go To PDF Page Download Datasheet
2173 Datasheet PDF - Alpha Wire

Part # 2173
Download  2173 Click to download

File Size   101.3 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

2173 Datasheet (HTML) - Alpha Wire


2173 Product details

Construction
1) Conductor
a) Material Tinned Copper, per ASTMB-33 and CID-A-A-59551
b) Stranding Solid
c) Diameter 0.010"
2) Braid Data
a) Nominal ID .437
b) AWG of Ends 30
c) Number of Carriers 24
d) Nominal Percent Coverage 99
e) Total Number of Ends 240
f) Approx. Equiv. AWG 6
g) Approx. Ampacity 90 Amps
h) Federal Spec Number AA59569R30T0437

Applicable Specifications
1) DSCC CID A-A-59569A




Similar Part No. - 2173

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2173 ADAFRUIT-2173 Datasheet
235Kb / 3P
8mm Chromed Metal Wide Bevel LED Holder - Pack of 5
10/7/2015
logo
Littelfuse
2173.15 LITTELFUSE-2173.15 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
2173.15 LITTELFUSE-2173.15 Datasheet
133Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
logo
Transko Electronics, In...
21730A TRANSKO-21730A Datasheet
379Kb / 1P
MONOLITHIC CRYSTAL FILTER (UM-1, UM-5)
Rev. 1: Dec. 2014
21730B TRANSKO-21730B Datasheet
375Kb / 1P
MONOLITHIC CRYSTAL FILTER (UM-1, UM-5)
Rev. 1: Dec. 2014
More results


Similar Description - 2173

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com