Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2180 Datasheet (PDF) - Alpha Wire

2180 Datasheet PDF - Alpha Wire
Part # 2180
Download  2180 Download
File Size   101.3 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2180 Datasheet (PDF)

Go To PDF Page Download Datasheet
2180 Datasheet PDF - Alpha Wire

Part # 2180
Download  2180 Click to download

File Size   101.3 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2180 Datasheet (HTML) - Alpha Wire


2180 Product details

Construction
1) Conductor
a) Material Tinned Copper, per ASTMB-33 and CID-A-A-59551
b) Stranding Solid
c) Diameter 0.010"
2) Braid Data
a) Nominal ID 1-1/4" (1.250)
b) AWG of Ends 30
c) Number of Carriers 48
d) Nominal Percent Coverage 90
e) Total Number of Ends 480
f) Approx. Equiv. AWG 3
g) Approx. Ampacity 145 Amps
h) Federal Spec Number

Applicable Specifications
1) DSCC-VAI A-A-59569A




Similar Part No. - 2180

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2180 GILWAY-2180 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
Keystone Electronics Co...
2180 KEYSTONE-2180 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Dwyer Instruments,
2180 DWYER-2180 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
logo
Littelfuse
218001 LITTELFUSE-218001 Datasheet
216Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218001.XP LITTELFUSE-218001.XP Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results


Similar Description - 2180

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com