Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2198 Datasheet (PDF) - Alpha Wire

2198 Datasheet PDF - Alpha Wire
Part # 2198
Download  2198 Download
File Size   101.36 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2198 Datasheet (PDF)

Go To PDF Page Download Datasheet
2198 Datasheet PDF - Alpha Wire

Part # 2198
Download  2198 Click to download

File Size   101.36 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2198 Datasheet (HTML) - Alpha Wire


2198 Product details

Construction
1) Conductor
a) Material
Silver Plated Copper, per ASTMB-298 and CID-A-A-
59569
b) Stranding Solid
c) Diameter 0.005"
2) Braid Data
a) Nominal ID 1/4" (0.250)
b) AWG of Ends 36
c) Number of Carriers 24
d) Nominal Percent Coverage 90
e) Total Number of Ends 384
f) Approx. Equiv. AWG 10
g) Approx. Ampacity 53 Amps
h) Federal Spec Number AA59569R36S0250

Applicable Specifications
1) DSCC-VAI A-A-59569A




Similar Part No. - 2198

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
2198 KEYSTONE-2198 Datasheet
256Kb / 1P
INSULATED BATTERY HOLDER
5.4.07
logo
Heyco.
2198 HEYCO-2198 Datasheet
106Kb / 1P
Snap Bushings
logo
Ashcroft, Inc.
2198 ASHCROFT-2198 Datasheet
546Kb / 3P
2198 MicroTube™ and 2098 Mini-MicroTube™ Siphons
RevB_09-26-23
logo
NHP Electrical Engineer...
2198-C1007-ERS NHP-2198-C1007-ERS Datasheet
541Kb / 2P
KINETIX 5300 SERVO DRIVE 100V/200V SINGLE PHASE 0.75kW 4.6A
5 June 2023,
2198-C1015-ERS NHP-2198-C1015-ERS Datasheet
541Kb / 2P
KINETIX 5300 SERVO DRIVE 100V/200V SINGLE PHASE 1.5kW 8.5A
5 June 2023,
More results


Similar Description - 2198

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com