Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF-G Datasheet (PDF) - Bourns Electronic Solutions

PF-G Datasheet PDF - Bourns Electronic Solutions
Part # PF-G
Download  PF-G Download
File Size   912.76 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description PF-G Series – Industrial Power Fuses

PF-G Datasheet (PDF)

Go To PDF Page Download Datasheet
PF-G Datasheet PDF - Bourns Electronic Solutions

Part # PF-G
Download  PF-G Click to download

File Size   912.76 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description PF-G Series – Industrial Power Fuses

PF-G Datasheet (HTML) - Bourns Electronic Solutions


PF-G Product details

Features
Designed to UL 248-1 (90 A) and 248-14 (63 A) standards
500 VAC (90 A) and 600 VAC (63 A) ratings available
Up to 2 kA interrupting rating
RoHS compliant* and halogen free**
Agency recognition:




Similar Part No. - PF-G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PF-GT3-63 BOURNS-PF-GT3-63 Datasheet
914Kb / 4P
POWrFuse™ PF-G Series
2022
PF-GT3-90 BOURNS-PF-GT3-90 Datasheet
914Kb / 4P
POWrFuse™ PF-G Series
2022
More results


Similar Description - PF-G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PF-JT3-30 BOURNS-PF-JT3-30 Datasheet
626Kb / 4P
PF-J Series – Industrial Power Fuses
2022
PF-NT2-40 BOURNS-PF-NT2-40 Datasheet
946Kb / 5P
PF-N Series – Telecom Power Fuses
2022
PF-K BOURNS-PF-K Datasheet
912Kb / 4P
PF-K Series – EV Power Fuses
Mar 31
PF-E BOURNS-PF-E Datasheet
591Kb / 4P
PF-E Series – Photovoltaic (gPV) Power Fuses
REV. 05/22
PF-F BOURNS-PF-F Datasheet
666Kb / 5P
PF-F Series – Semiconductor (aR) Power Fuses
REV. 06/22
PF-H BOURNS-PF-H Datasheet
617Kb / 4P
PF-H (Ind) Series – Industrial Power Fuses
REV. 05/22
PF-H_GPV BOURNS-PF-H_GPV Datasheet
670Kb / 4P
PF-H (gPV) Series – Photovoltaic Power Fuses
REV. 05/22
PF-J BOURNS-PF-J Datasheet
624Kb / 4P
PF-J Series – Industrial Power Fuses
REV. 05/22
PF-M BOURNS-PF-M Datasheet
705Kb / 4P
PF-M Series – Semiconductor (aR) Power Fuses
REV. 06/22
PF-N BOURNS-PF-N Datasheet
944Kb / 5P
PF-N Series – Telecom Power Fuses
REV. 06/22
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com