Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4311B Datasheet (PDF) - TEMIC Semiconductors

U4311B Datasheet PDF - TEMIC Semiconductors
Part # U4311B
Download  U4311B Download
File Size   167.15 Kbytes
Page   14 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Low-current Superhet Remote Control Receiver

U4311B Datasheet (PDF)

Go To PDF Page Download Datasheet
U4311B Datasheet PDF - TEMIC Semiconductors

Part # U4311B
Download  U4311B Click to download

File Size   167.15 Kbytes
Page   14 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Low-current Superhet Remote Control Receiver

U4311B Datasheet (HTML) - TEMIC Semiconductors


U4311B Product details

Description

The U4311B is a monolithic Integrated Circuit in bipolar technology for low-current UHF remote control super

heterodyne receivers in amplitude- or frequency modulated mode. Typical applications are keyless car lock-, alarm or telecontrol remote indication systems. Especially for automotive applications it supports a superhet design with about 1 mA total current consumption, as required by the car manufacturers.



Features

Usable for amplitude- and frequency- modulated transmission systems

Extremely low quiescent current approximately 1 mA in the stand-by mode due to wake-up concept

Wide power supply voltage range 3 to 13 V

Sensitive  IF-amplifier for 10.7 MHz operating frequency

Logarithmic AM demodulator

FM demodulator

Monoflop exit to wake up a microcontroller

High performance operational amplifier to realize a data recovering filter

Non-inverting clamping comparator with amplitude depending hysteresis for data regeneration



 




Similar Part No. - U4311B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
Low-Current Superhet Remote Control Receiver
U4311B-MFSG3 ATMEL-U4311B-MFSG3 Datasheet
86Kb / 13P
Low-Current Superhet Remote Control Receiver
More results


Similar Description - U4311B

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
Infrared Remote Control Receiver
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
REMOTE CONTROL RECEIVER
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
Low-Current Superhet Remote Control Receiver
logo
TEMIC Semiconductors
U4313B TEMIC-U4313B Datasheet
167Kb / 14P
Low-Current Superhet Remote Control Receiver
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
REMOTE CONTROL RECEIVER
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
INFRARED REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
FSK Superhet Receiver
logo
ADTech
ADT2550FXX ADTECH-ADT2550FXX Datasheet
38Kb / 1P
Miniaturized low current receiver IC for infrared remote control system
ADT2550SXX ADTECH-ADT2550SXX Datasheet
30Kb / 1P
Miniaturized low current receiver IC for infrared remote control system
ADT2689FXX ADTECH-ADT2689FXX Datasheet
30Kb / 1P
High quality low current receiver IC infrared remote control system
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com