Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F085M/024MU Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH79F085M/024MU Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH79F085M/024MU
Download  SH79F085M/024MU Download
File Size   1125.32 Kbytes
Page   97 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 20-Bit ADC

SH79F085M/024MU Datasheet (PDF)

Go To PDF Page Download Datasheet
SH79F085M/024MU Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH79F085M/024MU
Download  SH79F085M/024MU Click to download

File Size   1125.32 Kbytes
Page   97 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 20-Bit ADC

SH79F085M/024MU Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH79F085M/024MU Product details

1. Features
 8051 compatible Pipe-lined instruction based on the single-chip 8-bit microcontroller
 Flash ROM:
- SH79F085: 8K Bytes
- SH79F165: 16K Bytes
 RAM: internal 256 Bytes, external 256 Bytes
 EEPROM: internal 512 Bytes
 Operation Voltage: VDD = 3.0V - 5.5V
 Oscillator (code option):
- Crystal oscillator: 400kHz - 16.6MHz
- Crystal oscillator: 32.768kHz
- Internal RC: 16.6MHz
- Internal RC: 128kHz
 15/19 CMOS bi-directional I/O pins
- SH79F085: 15/19 I/O
- SH79F165: 19 I/O
 Built-in pull-up resistor for input pin
 Four 16-bit timer/counters: T0, T1, T2, T3
 Built-in EUART
 Powerful interrupt sources:
- Timer0, Timer1, Timer2, Timer3
- INT0 - 2
- ADC, EUART, SCM
 Built-in Buzzer
 In system programming (ISP)
 Built-in regulator
- Output voltage: 2.7V
 20-Bit Σ-ΔAnalog Digital Converter (ADC)
- 20-bit data output, 16-bit resolution
- SH79F085: 2 differential input
- SH79F165: 3 differential input
 Built-in Programmable Gain Amplifier (PGA)
- Gain: 12.5X - 200X
 Built-in Low Voltage Reset (LVR) function
- LVR Voltage: 3.1V
- LVR Voltage: 4.3V
 CPU Machine cycle: 1 oscillator clock
 Built-in Watch Dog Timer (WDT) (code option)
 Built-in oscillator Warm-up Timer
 Support low power operation modes:
- IDLE Mode
- Power-Down Mode
 Flash Type
 Package:
- SH79F085: TSSOP20/SOP24
- SH79F165: SOP24




Similar Part No. - SH79F085M/024MU

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F0819M/028MU SINOWEALTH-SH79F0819M/028MU Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F0819X/028XU SINOWEALTH-SH79F0819X/028XU Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F081BM/028MU SINOWEALTH-SH79F081BM/028MU Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results


Similar Description - SH79F085M/024MU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SH79F166A ETC1-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 microcontroller with 10-bit ADC
logo
SINOWEALTH Electronic L...
SH77P1651 SINOWEALTH-SH77P1651 Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1620 SINOWEALTH-SH79F1620 Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F3283 SINOWEALTH-SH79F3283 Datasheet
1Mb / 144P
Enhanced 8051 Microcontroller with 12bit ADC
V2.0
SH79M084B SINOWEALTH-SH79M084B Datasheet
987Kb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH88F2051B SINOWEALTH-SH88F2051B Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com