Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F1617P/032PR Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH79F1617P/032PR Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH79F1617P/032PR
Download  SH79F1617P/032PR Download
File Size   1167.72 Kbytes
Page   99 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description 8bits micro-controller with Pipe-line structured 8051 compatible instruction set

SH79F1617P/032PR Datasheet (PDF)

Go To PDF Page Download Datasheet
SH79F1617P/032PR Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH79F1617P/032PR
Download  SH79F1617P/032PR Click to download

File Size   1167.72 Kbytes
Page   99 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description 8bits micro-controller with Pipe-line structured 8051 compatible instruction set

SH79F1617P/032PR Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH79F1617P/032PR Product details

1. Features
 8bits micro-controller with Pipe-line structured 8051 compatible instruction set
 Flash ROM: 16K Bytes
 RAM: internal 256 Bytes, external 512 Bytes
 Operation Voltage:
fOSC = 400k - 16MHz, VDD = 3.6V - 5.5V
 Oscillator (code option):
- Crystal oscillator: 400kHz - 16MHz
- Ceramic oscillator: 400kHz - 16MHz
- Internal RC: 12.3MHz
 30 CMOS bi-directional I/O pins
 4 open-drain type I/O available
 8 sink current strong drive ports
 Built-in pull-up resistor for input pin
 Powerful interrupt sources:
- Timer0, 1, 2
- INT0, 1, 2, 3
- INT40-7
- ADC, EUART, SPI, PWM
 EUART
 Three 16-bit timer/counters T0, T1and T2
 One 12-bit PWM
 Two 8-bit PWM
 SPI interface (Master/Slave Mode)
 8 channels 10-bits Analog Digital Converter (ADC), with comparator function built-in
 Buzzer
 Low Voltage Reset (LVR) function (enabled by code option)
- LVR voltage level 1: 4.1V
- LVR voltage level 2: 3.7V
 CPU Machine cycle: 1 oscillator clock
 Watch Dog Timer (WDT)
 Warm-up Timer
 Support Low power operation modes:
- Idle Mode
- Power-Down Mode
 Flash Type
 Package: LQFP32

2. General Description
The SH79F1617 is a high performance 8051 compatible micro-controller, regard to its build-in Pipe-line instruction fetch structure, that helps the SH79F1617 can perform more fast operation speed and higher calculation performance, if compare SH79F1617 with standard 8051 at same clock speed.
The SH79F1617 retains most features of the standard 8051. These features include internal 256 bytes RAM, UART and Int0-3.In addition, the SH79F1617 provides external 512 bytes RAM, It also contains 16K bytes Flash memory block both for program and data. Also the ADC and PWM timer functions are incorporated in SH79F1617.
For high reliability and low cost issues, the SH79F1617 builds in Watchdog Timer, Low Voltage Reset function. And SH79F1617 also supports two power saving modes to reduce power consumption.




Similar Part No. - SH79F1617P/032PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F1611 SINOWEALTH-SH79F1611 Datasheet
1Mb / 161P
Enhanced 8051 microcontroller with integrated ADC and PWM
V1.0
SH79F1611U/048UR SINOWEALTH-SH79F1611U/048UR Datasheet
1Mb / 161P
Enhanced 8051 microcontroller with integrated ADC and PWM
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1612BL/016LU SINOWEALTH-SH79F1612BL/016LU Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1612BM/020MU SINOWEALTH-SH79F1612BM/020MU Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
More results


Similar Description - SH79F1617P/032PR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
Upward compatible with M68HC11 instruction set
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
ATMEL Corporation
AT80C54 ATMEL-AT80C54_14 Datasheet
527Kb / 62P
8051 pin and instruction compatible
AT80C58X2 ATMEL-AT80C58X2_14 Datasheet
527Kb / 62P
8051 pin and instruction compatible
AT87C54 ATMEL-AT87C54_14 Datasheet
527Kb / 62P
8051 pin and instruction compatible
logo
SyncMOS Technologies,In...
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
Instruction-set compatible with MCS-51
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
Instruction-set compatible with MCS-51
logo
Analog Devices
ADSP-BF700 AD-ADSP-BF700 Datasheet
2Mb / 116P
Instruction set compatible with previous Blackfin products
Rev. A
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
8051 Embedded Micro-Controller for Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com