Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH88F54P/044PR Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH88F54P/044PR Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH88F54P/044PR
Download  SH88F54P/044PR Download
File Size   1273.0 Kbytes
Page   105 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description 8051 Microcontroller with 10bit ADC

SH88F54P/044PR Datasheet (PDF)

Go To PDF Page Download Datasheet
SH88F54P/044PR Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH88F54P/044PR
Download  SH88F54P/044PR Click to download

File Size   1273.0 Kbytes
Page   105 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description 8051 Microcontroller with 10bit ADC

SH88F54P/044PR Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH88F54P/044PR Product details

1. Features (All of the flowing contents are from SH88F516; The characteristics of SH88F54/SH89F52 is slightly different from SH88F516, see “Product Information” section)
 8bits micro-controller with Pipe-line structured 8051 compatible instruction set
 Flash ROM: 64K Bytes
 RAM: internal 256 Bytes, external 1024 Bytes
 EEPROM-like: 1K Bytes
 Operation Voltage:
VDD = 3.6V - 5.5V,fOSC = 30kHz - 16.6MHz
 Oscillator (code option)
- Crystal oscillator: 32.768kHz
- Crystal oscillator: 400kHz - 16.6MHz
- Ceramic oscillator: 400kHz - 16.6MHz
- Internal RC: 16.6MHz
- External clock:30kHz-16.6MHz
 40 CMOS bi-directional I/O pins (Quasi-Bi mode, Push-Pull mode, Input-Only mode and Open-Drain mode)
 Three 16-bit timer/counters T0, T1 & T2
 Powerful interrupt sources:
- Timer0, 1, 2
- INT0, INT1, INT4 (8 input)
- EUART0, EUART1, SPI, PWM, SCM, LPD
- ADC, CMP0, CMP1
 Three 8-bit PWM
 Two built-in comparator (CMP)
 EUART0 & EUART1
 SPI interface (Master/Slave Mode)
 8channels 10-bits Analog Digital Converter (ADC)
 Low Voltage Detect (LPD)
 Low Voltage Reset (LVR) function (enabled by code option)
- LVR voltage level 1: 4.3V
- LVR voltage level 2: 3.7V
 CPU Machine cycle: 1 oscillator clock
 Watch Dog Timer (WDT)
 Warm-up Timer
 System Clock Monitor (SCM)
 Support Low power operation modes:
- Idle Mode
- Power-Down Mode
 Low power consumption
 Package:
- QFP44
- TQFP48
- LQFP44




Similar Part No. - SH88F54P/044PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH88F2051 SINOWEALTH-SH88F2051 Datasheet
2Mb / 90P
2051/4051 Microcontrollers with 10-bit ADC
V1.0
SH88F2051B SINOWEALTH-SH88F2051B Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH88F2051BD/020DU SINOWEALTH-SH88F2051BD/020DU Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH88F2051BL/016LU SINOWEALTH-SH88F2051BL/016LU Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH88F2051BM/020MU SINOWEALTH-SH88F2051BM/020MU Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
More results


Similar Description - SH88F54P/044PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F083B SINOWEALTH-SH79F083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1619 SINOWEALTH-SH79F1619 Datasheet
1Mb / 99P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1621 SINOWEALTH-SH79F1621 Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M083B SINOWEALTH-SH79M083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com