Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCOCXOV Datasheet (PDF) - Golledge Electronics Ltd

MCOCXOV Datasheet PDF - Golledge Electronics Ltd
Part # MCOCXOV
Download  MCOCXOV Download
File Size   59.88 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V OCXO HCMOS Output 14-pin DIL

MCOCXOV Datasheet (PDF)

Go To PDF Page Download Datasheet
MCOCXOV Datasheet PDF - Golledge Electronics Ltd

Part # MCOCXOV
Download  MCOCXOV Click to download

File Size   59.88 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V OCXO HCMOS Output 14-pin DIL

MCOCXOV Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - MCOCXOV

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCOCXOV GOLLEDGE-MCOCXOV Datasheet
557Kb / 5P
5V OCXO with Fast Warm Up and CMOS Output
MCOCXOV/AR1 GOLLEDGE-MCOCXOV/AR1 Datasheet
150Kb / 2P
5V OCXO CMOS Output
MCOCXOV/TBV5 GOLLEDGE-MCOCXOV/TBV5 Datasheet
150Kb / 2P
5V OCXO CMOS Output
MCOCXOVS GOLLEDGE-MCOCXOVS Datasheet
59Kb / 1P
5V OCXO Sine Output 14-pin DIL
MCOCXOVS GOLLEDGE-MCOCXOVS Datasheet
556Kb / 5P
5V OCXO with Sine Output
More results


Similar Description - MCOCXOV

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD351 GOLLEDGE-HCD351 Datasheet
61Kb / 1P
5V OCXO HCMOS Output
MCOCXO GOLLEDGE-MCOCXO Datasheet
59Kb / 1P
12V OCXO HCMOS Output 14-pin DIL
MCOCXOS GOLLEDGE-MCOCXOS Datasheet
59Kb / 1P
12V OCXO Sine Output 14-pin DIL
MCOCXOVS GOLLEDGE-MCOCXOVS Datasheet
59Kb / 1P
5V OCXO Sine Output 14-pin DIL
MCOCXOW GOLLEDGE-MCOCXOW Datasheet
60Kb / 1P
3.3V OCXO HCMOS Output 14-pin DIL
HCD332 GOLLEDGE-HCD332 Datasheet
61Kb / 1P
5V OCXO HCMOS OUTPUT STRATUM 3E
SCOCXOT GOLLEDGE-SCOCXOT Datasheet
59Kb / 1P
12V OCXO HCMOS Output 14-pin DIL
SCOCXOVT GOLLEDGE-SCOCXOVT Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
logo
EUROQUARTZ limited
EM14GT EUROQUARTZ-EM14GT Datasheet
141Kb / 1P
HCMOS, 14 pin DIL, MHz Range
logo
Golledge Electronics Lt...
HCD351 GOLLEDGE-HCD351_15 Datasheet
135Kb / 1P
5V OCXO HCMOS Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com