Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33780EG/R2 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33780EG/R2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33780EG/R2
Download  MC33780EG/R2 Download
File Size   582.72 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual DBUS Master with Differential Drive and Frequency Spreading

MC33780EG/R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33780EG/R2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33780EG/R2
Download  MC33780EG/R2 Click to download

File Size   582.72 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual DBUS Master with Differential Drive and Frequency Spreading

MC33780EG/R2 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33780EG/R2 Product details

Dual DBUS Master with Differential Drive and Frequency Spreading

The 33780 is a master device for two differential DBUS buses. It contains the logic to interface the buses to a standard serial peripheral interface (SPI) port and the analog circuitry to drive data and power over the bus as well as receive data from the remote slave devices.
The differential mode of the 33780 generates lower electromagnetic interference (EMI) in situations where data rates and wiring make this a problem. Frequency spreading further reduces interference by spreading the energy across many channels, reducing the energy in any single channel.

Features
• Two Independent DBUS I/Os
• Common SPI Interface for All Operations
• Open-Drain Interrupt Output with Pull-up
• Maskable Interrupts for Send and Receive Data Status
• Automatic Message Cyclical Redundancy Checking (CRC) Generation and Checking
• Four-Stage Transmit and Receive Buffers
• 8- to 16-Bit Messages with 0- to 8-Bit CRC
• Independent Frequency Spreading for Each Channel
• Pb-Free Packaging Designated by Suffix Code EG




Similar Part No. - MC33780EG/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33784 FREESCALE-MC33784 Datasheet
601Kb / 30P
DSI 2.02 Sensor Interface
MC33789 FREESCALE-MC33789 Datasheet
3Mb / 80P
Airbag System Basis Chip (SBC) with Power Supply and PSI5 Sensor Interface
MC33789FS FREESCALE-MC33789FS Datasheet
186Kb / 2P
Airbag system basis chip (SBC) with power supply and PSI5 sensor interface
More results


Similar Description - MC33780EG/R2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE906 NTE-NTE906 Datasheet
30Kb / 3P
Integrated Circuit Dual, High Frequency, Differential Amplifier
logo
National Semiconductor ...
CD4027BM NSC-CD4027BM Datasheet
125Kb / 6P
Dual J-K Master/Slave Flip-Flop with Set and Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
3.3V ECL 6-Bit Differential Register with Master Reset
logo
Freescale Semiconductor...
33781 FREESCALE-33781 Datasheet
1Mb / 44P
Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
logo
Analog Devices
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
logo
Micrel Semiconductor
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
3.3V ECL 6-Bit Differential Register with Master Reset
logo
Fairchild Semiconductor
CD4027BCN FAIRCHILD-CD4027BCN Datasheet
68Kb / 6P
Dual J-K Master/Slave Flip-Flop with Set and Reset
logo
Texas Instruments
TL026CDE4 TI1-TL026CDE4 Datasheet
924Kb / 18P
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com