Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1782 Datasheet (PDF) - Renesas Technology Corp

IW1782 Datasheet PDF - Renesas Technology Corp
Part # IW1782
Download  IW1782 Download
File Size   537.03 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller

IW1782 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1782 Datasheet PDF - Renesas Technology Corp

Part # IW1782
Download  IW1782 Click to download

File Size   537.03 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller

IW1782 Datasheet (HTML) - Renesas Technology Corp


IW1782 Product details

● Supports rapid charge technologies such as
Qualcomm® Quick Charge™ 3.0 (QC3.0) technology
to provide 3.6V to 12V in 200mV increments with userselected
various output current limit combinations
● Proprietary secondary-to-primary digital
communication and built-in decoder eliminate discrete
decoder and significantly simplify system design
● Single opto-coupler for all the rapid charge information:
output voltage request, output current limit, output
voltage undershoot, and over-voltage protection
● Tight multi-level constant-voltage and multi-level
constant-current regulation with primary-side feedback
and control
● Ultra-low no-load power consumption with lowest
system cost (<10mW at 230VAC with typical 5V2A
setting using Schottky diode rectifier; <20mW at
230VAC with typical 5V2A setting using synchronous
rectifier)
● Fast dynamic load response (DLR) with secondaryside
load transient detection
3 Applications
● Rapid-charging AC/DC adapters for smart phones,
tablets and other portable devices (3.6V-12V, 1A-3A).
● Proprietary optimized load adaptive maximum
constant frequency PWM switching with quasiresonant
operation achieves best size, efficiency, and
common mode noise
● Multi-mode PWM/PFM control improves efficiency at
various load conditions
● User-configurable 4-level cable drop compensation
independent of output voltage
● EZ-EMI® design enhances manufacturability
● Built-in single-point fault protections against output
short-circuit including soft short and half short, output
over-voltage, and output over-current
● SmartDefender™ smart hiccup technology
helps address issues of soft shorts in cables and
connectors by effectively reducing the average output
power at fault conditions without latch
● User-configurable external shutdown control
● No audible noise over entire operating range




Similar Part No. - IW1782

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1780 DIALOG-IW1780 Datasheet
499Kb / 7P
Rapid Charge AC/DC Digital
IW1780H DIALOG-IW1780H Datasheet
408Kb / 6P
Rapid Charge??AC/DC Digital
logo
Renesas Technology Corp
IW1780H RENESAS-IW1780H Datasheet
524Kb / 6P
Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
IW1780H-21 RENESAS-IW1780H-21 Datasheet
524Kb / 6P
Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
IW1780H-27 RENESAS-IW1780H-27 Datasheet
524Kb / 6P
Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
More results


Similar Description - IW1782

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
AC-DC Quasi-Resonant Current Mode PWM Controller
logo
Dialog Semiconductor
IW1780 DIALOG-IW1780 Datasheet
499Kb / 7P
Rapid Charge AC/DC Digital
IW1780H DIALOG-IW1780H Datasheet
408Kb / 6P
Rapid Charge??AC/DC Digital
IW1781 DIALOG-IW1781 Datasheet
366Kb / 6P
Rapid Charge??AC/DC Digital Quasi-Resonant PWM Controller
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Renesas Technology Corp
IW1780H RENESAS-IW1780H Datasheet
524Kb / 6P
Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
IW1781 RENESAS-IW1781 Datasheet
541Kb / 6P
Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller with High Resolution Voltage/Current Control
26-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com