Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1818 Datasheet (PDF) - Renesas Technology Corp

IW1818 Datasheet PDF - Renesas Technology Corp
Part # IW1818
Download  IW1818 Download
File Size   626.97 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Off-Line Digital Green-Mode Quasi-Resonant PWM Controller Integrated with Power BJT

IW1818 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1818 Datasheet PDF - Renesas Technology Corp

Part # IW1818
Download  IW1818 Click to download

File Size   626.97 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Off-Line Digital Green-Mode Quasi-Resonant PWM Controller Integrated with Power BJT

IW1818 Datasheet (HTML) - Renesas Technology Corp


IW1818 Product details

● Targeted at 10W to 12W AC/DC applications with
<50mW no-load power consumption at 230VAC and
fast dynamic response
● AccuSwitchTM technology with integrated 800V
bipolar junction transistor (BJT)
● Adaptively controlled soft-start enables fast and
smooth start-up for a wide range of capacitive loads
(from 330μF to 6,000μF) with output voltage of 5V to
12V and above
● Very tight constant voltage and constant current
regulation over entire operating range
● PrimAccurateTM primary-side feedback eliminates
opto-isolator and simplifies design
● EZ-EMI® design enhances manufacturability
● Intrinsically low common mode noise
● Optimized 72kHz maximum PWM switching
frequency achieves best size and efficiency
● Adaptive multi-mode PWM/PFM control improves
efficiency
● Quasi-resonant operation for highest overall
efficiency
● Dynamic base current control
● No external loop compensation components required
● Built-in single-point protections against output shortcircuit,
output low impedance, and output overvoltage
● Built-in over-temperature protection (OTP)
● No audible noise over entire operating range




Similar Part No. - IW1818

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1818 DIALOG-IW1818 Datasheet
397Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant
IW1818-EVAL DIALOG-IW1818-EVAL Datasheet
474Kb / 6P
Evaluation Board for 10W Single-Output Switch-Mode Power Supply
More results


Similar Description - IW1818

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1600 DIALOG-IW1600 Datasheet
386Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1601 DIALOG-IW1601 Datasheet
364Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1679 DIALOG-IW1679 Datasheet
350Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1699 DIALOG-IW1699 Datasheet
362Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1699B DIALOG-IW1699B Datasheet
463Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1709 DIALOG-IW1709 Datasheet
328Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1760B DIALOG-IW1760B Datasheet
399Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
logo
Renesas Technology Corp
IW1600 RENESAS-IW1600 Datasheet
480Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
10-Feb-2022
IW1709 RENESAS-IW1709 Datasheet
464Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
24-Jan-2022
IW1830 RENESAS-IW1830 Datasheet
603Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller Integrated with Power MOSFET
30-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com