Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW9809 Datasheet (PDF) - Renesas Technology Corp

IW9809 Datasheet PDF - Renesas Technology Corp
Part # IW9809
Download  IW9809 Download
File Size   513.67 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RapidChargeTM AC/DC Primary-Side Digital Quasi-Resonant Flyback Controller for Secondary-Side Regulation

IW9809 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW9809 Datasheet PDF - Renesas Technology Corp

Part # IW9809
Download  IW9809 Click to download

File Size   513.67 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RapidChargeTM AC/DC Primary-Side Digital Quasi-Resonant Flyback Controller for Secondary-Side Regulation

IW9809 Datasheet (HTML) - Renesas Technology Corp


IW9809 Product details

● Supports Rapid Charge adapters applications of
typical 25W and other power profiles
● Supports constant-voltage (CV) and constant-current
(CC) regulation in fine steps using secondary-side
regulation (SSR) control
● Proprietary constant-frequency switching with quasiresonant
(QR) operation achieves best size, effiiciency
and common mode noise
● Adaptive QR mode and optional continuous
conduction mode (CCM) operation at low line voltage
● Adaptive multi-mode control (MMC) using PWM/
PFM/Burst modes based on input voltage and output
voltage/current improves efficiency and eliminates
audible noise
● Built-in single-point fault protections against AC line
voltage brown-out, output short-circuit, output overvoltage,
and optocoupler failure
● User programable internal OTP threshold for various
thermal requirement
● < 20mW no load standby power with ample margin at
230VAC when output USB cable is detached.
● 8-lead SOIC package




Similar Part No. - IW9809

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW9801 RENESAS-IW9801 Datasheet
509Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
28-Apr-2022
IW9801-00 RENESAS-IW9801-00 Datasheet
509Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
28-Apr-2022
IW9801-06 RENESAS-IW9801-06 Datasheet
509Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
28-Apr-2022
IW9801-07 RENESAS-IW9801-07 Datasheet
509Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
28-Apr-2022
IW9801-20 RENESAS-IW9801-20 Datasheet
509Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
28-Apr-2022
More results


Similar Description - IW9809

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
FAN105A ONSEMI-FAN105A Datasheet
641Kb / 18P
Offline Primary-Side-Regulation Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Renesas Technology Corp
IW9801 RENESAS-IW9801 Datasheet
509Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
28-Apr-2022
IW9802 RENESAS-IW9802 Datasheet
691Kb / 8P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
23-Feb-2022
IW9860 RENESAS-IW9860 Datasheet
462Kb / 7P
Zero Standby Power AC/DC Digital Quasi-Resonant Flyback Controller for RapidChargeTM
01-Jul-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com