Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU0975M500 Datasheet (PDF) - Lumics GmbH

LU0975M500 Datasheet PDF - Lumics GmbH
Part # LU0975M500
Download  LU0975M500 Download
File Size   159.64 Kbytes
Page   2 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description 975 nm Single Mode Laser Module up to 500 mW c.w. Operating Power

LU0975M500 Datasheet (PDF)

Go To PDF Page Download Datasheet
LU0975M500 Datasheet PDF - Lumics GmbH

Part # LU0975M500
Download  LU0975M500 Click to download

File Size   159.64 Kbytes
Page   2 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description 975 nm Single Mode Laser Module up to 500 mW c.w. Operating Power

LU0975M500 Datasheet (HTML) - Lumics GmbH


LU0975M500 Product details

Description:
The Lumics single mode laser module contains an optimized
GaAs substrate based quantum well high power laser diode.
It has been designed for customer specific applications and is
available with special FBG's and fibers. The extremely stringent
reliability requirements are achieved through our patent
pending innovative technology. This includes careful design,
exactly defined manufacturing and extensive testing. The
qualification contains a set of optoelectronic, thermal and
mechanical tests. Each laser diode module is individually
serialized for traceability and is shipped with a specified set
of test data.

Features & Functions:
Single mode pigtail
Cooled 14pin package
Telcordia compliant package
RoHS compliant




Similar Part No. - LU0975M500

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LU0990T037 LUMICS-LU0990T037 Datasheet
260Kb / 2P
Industrial Laser Diode Up to 3.7w Operation Power @ 990nm / 50um fiber
2018-06-14
LU09XX LUMICS-LU09XX Datasheet
686Kb / 3P
LU09xx/1470C Diode Laser Mixed Wavelength up to 115 W @ 9xxnm and 35 W @ 1470 nm
2018-08-20
LU09XX/1470C LUMICS-LU09XX/1470C Datasheet
686Kb / 3P
LU09xx/1470C Diode Laser Mixed Wavelength up to 115 W @ 9xxnm and 35 W @ 1470 nm
2018-08-20
LU09XXC LUMICS-LU09XXC Datasheet
686Kb / 3P
LU09xxC Diode Laser Up to 270 W c.w. Operating Power @ 940 nm or 976 nm
2021-02-16
LU09XXC270 LUMICS-LU09XXC270 Datasheet
686Kb / 3P
LU09xxC Diode Laser Up to 270 W c.w. Operating Power @ 940 nm or 976 nm
2021-02-16
More results


Similar Description - LU0975M500

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
logo
Bookham, Inc.
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
980 nm Pump Laser Module Unstabilised 100-220 mW
logo
JDS Uniphase Corporatio...
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
logo
Lumics GmbH
LU0785C110 LUMICS-LU0785C110 Datasheet
686Kb / 3P
LU0785C and LU0808C Diode Laser Up to 110 W c.w. Operating Power @ 785 nm or 808 nm
2018-08-20
LU0808C230 LUMICS-LU0808C230 Datasheet
686Kb / 3P
LU0808C Diode Laser Up to 230 W c.w. Operating Power @ 808 nm
2018-08-20
LU0890C110 LUMICS-LU0890C110 Datasheet
597Kb / 3P
LU0890C Diode Laser Up to 110 W c.w. Operating Power @ 890 nm
2018-08-20
LU09XXC270 LUMICS-LU09XXC270 Datasheet
686Kb / 3P
LU09xxC Diode Laser Up to 270 W c.w. Operating Power @ 940 nm or 976 nm
2021-02-16
LU1064C230 LUMICS-LU1064C230 Datasheet
685Kb / 3P
LU1064C Diode Laser Up to 230 W c.w. Operating Power @ 1064 nm
2018-08-20
LU1470C075 LUMICS-LU1470C075 Datasheet
685Kb / 3P
LU1470C Diode Laser Up to 75 W c.w. Operating Power @ 1470 nm
2018-08-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com