Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU0808T070 Datasheet (PDF) - Lumics GmbH

LU0808T070 Datasheet PDF - Lumics GmbH
Part # LU0808T070
Download  LU0808T070 Download
File Size   554.29 Kbytes
Page   2 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description Industrial Laser Diode Up to 7W Operation Power @ 808nm

LU0808T070 Datasheet (PDF)

Go To PDF Page Download Datasheet
LU0808T070 Datasheet PDF - Lumics GmbH

Part # LU0808T070
Download  LU0808T070 Click to download

File Size   554.29 Kbytes
Page   2 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description Industrial Laser Diode Up to 7W Operation Power @ 808nm

LU0808T070 Datasheet (HTML) - Lumics GmbH


LU0808T070 Product details

The multi mode fiber pigtailed flat pin laser diode
module contains an optimized GaAs substrate
based quantum well high power laser diode. The
extremely stringent reliability requirements are
achieved through our patent pending innovative
technology. This includes careful design, exactly
defined manufacturing and extensive testing. The
qualification contains a set of optoelectronic,
thermal and mechanical tests. Each laser diode
module is individually serialized for traceability
and is shipped with a specified set of test data

Features & Functions:
Wavelength 808nm
200µm core NA 0.15 or 0.22 fiber
Hermetically sealed single emitter
Floating anode / cathode
Direct modulation up to 20 MHz
Rise / Fall time <20ns




Similar Part No. - LU0808T070

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T040 LUMICS-LU0808T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 808nm
2018-06-14
More results


Similar Description - LU0808T070

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LU0785T040 LUMICS-LU0785T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 785nm
2018-06-14
LU0808DXXX-U LUMICS-LU0808DXXX-U Datasheet
928Kb / 3P
LU0808Dyyy Diode Laser with up to 33 W at 808nm
2020-11-04
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T040 LUMICS-LU0808T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 808nm
2018-06-14
LU0990T037 LUMICS-LU0990T037 Datasheet
260Kb / 2P
Industrial Laser Diode Up to 3.7w Operation Power @ 990nm / 50um fiber
2018-06-14
LU09XXT090 LUMICS-LU09XXT090 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 9W Operation Power
2020-10-20
LU1030T030 LUMICS-LU1030T030 Datasheet
259Kb / 2P
Industrial Laser Diode Up to 3w Operation Power @ 1030nm / 50um fiber
2018-06-14
LU1064T070 LUMICS-LU1064T070 Datasheet
261Kb / 2P
Industrial Laser Diode Up to 7w Operation Power @ 1064nm
2018-06-14
LU1064T100 LUMICS-LU1064T100 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 10W Operation Power @ 1064nm
2018-08-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com