Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2908863 Datasheet (PDF) - PHOENIX CONTACT

2908863 Datasheet PDF - PHOENIX CONTACT
Part # 2908863
Download  2908863 Download
File Size   988.51 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Front adapters - VIP-PA-PWR/20XOE/ 1,0M/1756

2908863 Datasheet (PDF)

Go To PDF Page Download Datasheet
2908863 Datasheet PDF - PHOENIX CONTACT

Part # 2908863
Download  2908863 Click to download

File Size   988.51 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Front adapters - VIP-PA-PWR/20XOE/ 1,0M/1756

2908863 Datasheet (HTML) - PHOENIX CONTACT


2908863 Product details

VIP power cabling, universal front adapter with assembled shielded round cable for connection
to all popular 20-pos. ControlLogix® 1756 I/O modules. 1 x 20 single wires (each ferruled and
marked) can be connected (field connection, e.g., via 20 terminal blocks)., cable length: 1 m

Your advantages
• Individual I/O modules lock to the controller for connection security
• Integrated lever aids in removal from I/O card
• Marking label can be attached
• 1:1 connection
• Open end at one end
• Individual wire marking: 1, 2, 3, 4, etc.
• Individual wires fitted with ferrules
• Shield connection: UL Type AWM, Style 1007 18 AWG (0.82 mm²) cable, black, 0.5 m length




Similar Part No. - 2908863

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908860 PHOENIX-2908860 Datasheet
991Kb / 21P
Front adapters - VIP-PA-PWR/36XOE/ 2,0M/1756
Oct 17, 2022
2908861 PHOENIX-2908861 Datasheet
991Kb / 21P
Front adapters - VIP-PA-PWR/36XOE/ 4,0M/1756
Oct 17, 2022
2908862 PHOENIX-2908862 Datasheet
991Kb / 21P
Front adapters - VIP-PA-PWR/36XOE/ 6,0M/1756
Oct 17, 2022
2908864 PHOENIX-2908864 Datasheet
988Kb / 20P
Front adapters - VIP-PA-PWR/20XOE/ 2,0M/1756
Oct 17, 2022
2908865 PHOENIX-2908865 Datasheet
988Kb / 20P
Front adapters - VIP-PA-PWR/20XOE/ 4,0M/1756
Oct 17, 2022
More results


Similar Description - 2908863

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908911 PHOENIX-2908911 Datasheet
157Kb / 10P
Front adapters - VIP-PA-PWR/20XOE/HF/ 8,0M/S7
10/28/2020
2908912 PHOENIX-2908912 Datasheet
158Kb / 10P
Front adapters - VIP-PA-PWR/20XOE/HF/ 6,0M/S7
10/28/2020
2908915 PHOENIX-2908915 Datasheet
158Kb / 10P
Front adapters - VIP-PA-PWR/20XOE/HF/ 2,0M/S7
10/28/2020
2908859 PHOENIX-2908859 Datasheet
991Kb / 21P
Front adapters - VIP-PA-PWR/36XOE/ 1,0M/1756
Oct 17, 2022
2908860 PHOENIX-2908860 Datasheet
991Kb / 21P
Front adapters - VIP-PA-PWR/36XOE/ 2,0M/1756
Oct 17, 2022
2908861 PHOENIX-2908861 Datasheet
991Kb / 21P
Front adapters - VIP-PA-PWR/36XOE/ 4,0M/1756
Oct 17, 2022
2908862 PHOENIX-2908862 Datasheet
991Kb / 21P
Front adapters - VIP-PA-PWR/36XOE/ 6,0M/1756
Oct 17, 2022
2908864 PHOENIX-2908864 Datasheet
988Kb / 20P
Front adapters - VIP-PA-PWR/20XOE/ 2,0M/1756
Oct 17, 2022
2908865 PHOENIX-2908865 Datasheet
988Kb / 20P
Front adapters - VIP-PA-PWR/20XOE/ 4,0M/1756
Oct 17, 2022
2908866 PHOENIX-2908866 Datasheet
988Kb / 20P
Front adapters - VIP-PA-PWR/20XOE/ 6,0M/1756
Oct 17, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com