Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4410CSRL Datasheet (PDF) - VBsemi Electronics Co.,Ltd

TSM4410CSRL Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # TSM4410CSRL
Download  TSM4410CSRL Download
File Size   2093.66 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 20V (D-S) MOSFET

TSM4410CSRL Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM4410CSRL Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # TSM4410CSRL
Download  TSM4410CSRL Click to download

File Size   2093.66 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 20V (D-S) MOSFET

TSM4410CSRL Datasheet (HTML) - VBsemi Electronics Co.,Ltd


TSM4410CSRL Product details

FEATURES
• Halogen-free
• TrenchFET® Power MOSFET
• Optimized for High-Side Synchronous
Rectifier Operation
• 100 % Rg Tested
• 100 % UIS Tested

APPLICATIONS
• Notebook CPU Core
- High-Side Switch




Similar Part No. - TSM4410CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4410CSRL TSC-TSM4410CSRL Datasheet
126Kb / 6P
25V N-Channel MOSFET
More results


Similar Description - TSM4410CSRL

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1320N ANALOGPOWER-AM1320N Datasheet
192Kb / 4P
N-Channel 20V (D-S) MOSFET
AM2332N ANALOGPOWER-AM2332N Datasheet
178Kb / 5P
N-Channel 20V (D-S) MOSFET
AM3428N ANALOGPOWER-AM3428N Datasheet
166Kb / 3P
N-Channel 20V (D-S) MOSFET
logo
Bruckewell Technology L...
MS23N20Z BWTECH-MS23N20Z Datasheet
789Kb / 6P
N-Channel 20V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UT4420G-S08-R VBSEMI-UT4420G-S08-R Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
UT4800G-S08-T VBSEMI-UT4800G-S08-T Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
UT4800L-S08-T VBSEMI-UT4800L-S08-T Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
SSM4412 VBSEMI-SSM4412 Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
SSM4800AGM VBSEMI-SSM4800AGM Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
SSM4410M VBSEMI-SSM4410M Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com