Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM91076L Datasheet (PDF) - Bourns Electronic Solutions

SM91076L Datasheet PDF - Bourns Electronic Solutions
Part # SM91076L
Download  SM91076L Download
File Size   885.26 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SM91076L - 10/100 Base-T Transformer

SM91076L Datasheet (PDF)

Go To PDF Page Download Datasheet
SM91076L Datasheet PDF - Bourns Electronic Solutions

Part # SM91076L
Download  SM91076L Click to download

File Size   885.26 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SM91076L - 10/100 Base-T Transformer

SM91076L Datasheet (HTML) - Bourns Electronic Solutions


SM91076L Product details

Features
IEEE 802.3u (100Base-T) compliant
MECHATROLINK-III compliant
Hi-Pot: 2250 VDC or 1500 VAC
Additional metal shield for surge immunity and superior EMC performance
Compliant to IEC 61000-4-5 surge immunity test level 3 (2000 V)
RoHS compliant*




Similar Part No. - SM91076L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
10/100 Base-T Transformer
SM91071AL-E BOURNS-SM91071AL-E Datasheet
487Kb / 4P
10/100 Base-T Transformer
SM91072AL BOURNS-SM91072AL Datasheet
500Kb / 4P
10/100 Base-T Transformer
SM91072AL-E BOURNS-SM91072AL-E Datasheet
500Kb / 4P
10/100 Base-T Transformer
SM91073AL BOURNS-SM91073AL Datasheet
489Kb / 4P
10/100 Base-T Transformer
More results


Similar Description - SM91076L

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16PT8510 BOTHHAND-16PT8510_1 Datasheet
50Kb / 1P
10/100 BASE-T TRANSFORMER
16PT8515-3 BOTHHAND-16PT8515-3 Datasheet
50Kb / 1P
10/100 BASE-T TRANSFORMER
16ST8511 BOTHHAND-16ST8511 Datasheet
27Kb / 1P
10/100 BASE-T TRANSFORMER
16ST8515M BOTHHAND-16ST8515M Datasheet
177Kb / 1P
10/100 BASE-T TRANSFORMER
16PT8512A BOTHHAND-16PT8512A Datasheet
53Kb / 1P
10/100 BASE-T TRANSFORMER
16ST8520X BOTHHAND-16ST8520X Datasheet
108Kb / 1P
10/100 BASE-T TRANSFORMER
24STS12 BOTHHAND-24STS12 Datasheet
194Kb / 1P
10/100 BASE-T TRANSFORMER
24ST8515-2 BOTHHAND-24ST8515-2_1 Datasheet
264Kb / 1P
10/100 BASE-T TRANSFORMER
logo
Bourns Electronic Solut...
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
10/100 Base-T Transformer
SM91073AL BOURNS-SM91073AL Datasheet
489Kb / 4P
10/100 Base-T Transformer
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com