Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303AH Datasheet (PDF) - STMicroelectronics

LSM303AH Datasheet PDF - STMicroelectronics
Part # LSM303AH
Download  LSM303AH Download
File Size   1793.56 Kbytes
Page   82 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer

LSM303AH Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM303AH Datasheet PDF - STMicroelectronics

Part # LSM303AH
Download  LSM303AH Click to download

File Size   1793.56 Kbytes
Page   82 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer

LSM303AH Datasheet (HTML) - STMicroelectronics


LSM303AH Product details

Features
 3 magnetic field channels and 3 acceleration
channels
 ±50 gauss magnetic dynamic range
 ±2/±4/±8/16 g selectable acceleration full
scales
 Anti-aliasing filter
 16-bit data output
 SPI / I2C serial interfaces
 Analog supply voltage 1.71 V to 1.98 V
 Programmable interrupt generators for freefall,
motion and magnetic field detection
 Embedded self-test
 Embedded 256-level FIFO
 Embedded temperature sensor
 Embedded digital functions: step detector, step
counter, significant motion and tilt
 ECOPACK®, RoHS and “Green” compliant

Description
The LSM303AH is an ultra-low-power highperformance
system-in-package featuring a 3D
digital linear acceleration sensor and a 3D digital
magnetic sensor.
The LSM303AH has user-selectable linear
acceleration full scales of ±2g/±4g/±8g/16 g and
is capable of measuring accelerations with output
data rates from 1 Hz to 6400 Hz. The device has
a magnetic field dynamic range of ±50 gauss with
output data rates from10 Hz to 100 Hz. The
LSM303AH includes an I2C serial bus interface
that supports standard, fast mode, fast mode
plus, and high-speed (100 kHz, 400 kHz, 1 MHz,
and 3.4 MHz) and an SPI serial standard
interface.
The LSM303AH has an integrated 256-level firstin,
first-out (FIFO) buffer allowing the user to store
data in order to limit intervention by the host
processor. The FIFO buffer applies only to the
accelerometer.
The embedded self-test capability allows the user
to check the functioning of the sensor in the final
application.
The system can be configured to generate an
interrupt signal for free-fall, motion detection and
magnetic field detection. The magnetic and
accelerometer blocks can be enabled or put into
power-down mode separately.
The LSM303AH is available in a plastic land grid
array package (LGA) and is guaranteed to
operate over an extended temperature range
from -40 °C to +85 °C.

Applications
 Tilt-compensated compasses
 Map rotation
 Position and free-fall detection
 Motion-activated functions
 Click/double-click recognition
 Pedometers
 Intelligent power saving for handheld devices
 Display orientation
 Gaming and virtual reality input devices
 Impact recognition and logging
 Vibration monitoring and compensation




Similar Part No. - LSM303AH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
LSM303AGRTR STMICROELECTRONICS-LSM303AGRTR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
More results


Similar Description - LSM303AH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
ASM330LXH STMICROELECTRONICS-ASM330LXH Datasheet
1Mb / 56P
Automotive inertial module: 3D accelerometer and 3D gyroscope
23-Oct-2015
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
LSM303C STMICROELECTRONICS-LSM303C Datasheet
1Mb / 53P
Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
13-Jun-2014
ISM303DAC STMICROELECTRONICS-ISM303DAC Datasheet
1Mb / 80P
High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
31-Oct-2017
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
3D Magnetometer
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
3D Magnetometer
Version 1.2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com