Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23ABS1TR Datasheet (PDF) - STMicroelectronics

MP23ABS1TR Datasheet PDF - STMicroelectronics
Part # MP23ABS1TR
Download  MP23ABS1TR Download
File Size   568.1 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance MEMS audio sensor: single-ended analog bottom-port microphone

MP23ABS1TR Datasheet (PDF)

Go To PDF Page Download Datasheet
MP23ABS1TR Datasheet PDF - STMicroelectronics

Part # MP23ABS1TR
Download  MP23ABS1TR Click to download

File Size   568.1 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance MEMS audio sensor: single-ended analog bottom-port microphone

MP23ABS1TR Datasheet (HTML) - STMicroelectronics


MP23ABS1TR Product details

Features
 Single supply voltage operation 1.52 V - 3.6 V
 Omnidirectional sensitivity
 High signal-to-noise ratio
 High acoustic overload point: 130 dBSPL typ.
 Package compliant with reflow soldering
 Enhanced RF immunity
 Ultra-flat frequency response
 Low latency
 Ultra-low-power: 150 μA max
 ECOPACK, RoHS, and “Green” compliant

Description
The MP23ABS1 is a compact, low-power
microphone built with a capacitive sensing
element and an IC interface.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process to
produce audio sensors.
The MP23ABS1 has an acoustic overload point of
130 dBSPL with a typical 64 dB signal-to-noise
ratio.
The sensitivity of the MP23ABS1 is -38 dBV
±1 dB @ 94 dBSPL, 1 kHz.
The MP23ABS1 is available in a package
compliant with reflow soldering and is guaranteed
to operate over an extended temperature range
from -40 °C to +85 °C.

Applications
 Mobile phones
 Wearables
 Hearables
 Smart speakers
 Active noise-canceling headsets




Similar Part No. - MP23ABS1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP23AB01DH STMICROELECTRONICS-MP23AB01DH Datasheet
278Kb / 12P
Omnidirectional sensitivity
17-Nov-2016
MP23AB01DH STMICROELECTRONICS-MP23AB01DH Datasheet
274Kb / 12P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
31-Aug-2017
MP23AB01DHTR STMICROELECTRONICS-MP23AB01DHTR Datasheet
274Kb / 12P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
31-Aug-2017
MP23AB01DH STMICROELECTRONICS-MP23AB01DH_V01 Datasheet
274Kb / 12P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
31-Aug-2017
MP23AB01DM STMICROELECTRONICS-MP23AB01DM Datasheet
425Kb / 13P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
19-Apr-2016
More results


Similar Description - MP23ABS1TR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
logo
STMicroelectronics
MP33AB01H STMICROELECTRONICS-MP33AB01H Datasheet
459Kb / 13P
MEMS audio surface-mount bottom-port silicon microphone with analog output
10-Oct-2013
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
TDK Electronics
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
Bottom Port Analog MEMS Microphone Evaluation Board
logo
PUI audio inc.
PMM-3738-VM1000-R PUIAUDIO-PMM-3738-VM1000-R Datasheet
780Kb / 7P
Low-Noise Bottom Port Piezoelectric MEMS Microphone
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
MEMS audio sensor: digital microphone with multiple performance modes
07-Mar-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com