Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DT06J Datasheet (PDF) - STMicroelectronics

MP34DT06J Datasheet PDF - STMicroelectronics
Part # MP34DT06J
Download  MP34DT06J Download
File Size   1273.75 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS audio sensor omnidirectional digital microphone

MP34DT06J Datasheet (PDF)

Go To PDF Page Download Datasheet
MP34DT06J Datasheet PDF - STMicroelectronics

Part # MP34DT06J
Download  MP34DT06J Click to download

File Size   1273.75 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS audio sensor omnidirectional digital microphone

MP34DT06J Datasheet (HTML) - STMicroelectronics


MP34DT06J Product details

Features
• Single supply voltage
• Low power consumption
• AOP = 122.5 dBSPL
• 64 dB signal-to-noise ratio
• Omnidirectional sensitivity
• –26 dBFS ± 1 dB sensitivity
• PDM output
• HCLGA package
– Top-port design
– SMD-compliant
– EMI-shielded
– ECOPACK, RoHS, and “Green” compliant

Description
The MP34DT06J is an ultra-compact, low-power, omnidirectional, digital MEMS
microphone built with a capacitive sensing element and an IC interface.
The sensing element, capable of detecting acoustic waves, is manufactured using a
specialized silicon micromachining process dedicated to producing audio sensors.
The IC interface is manufactured using a CMOS process that allows designing a
dedicated circuit able to provide a digital signal externally in PDM format.
The MP34DT06J is a low-distortion digital microphone with a 64 dB signal-to-noise
ratio and –26 dBFS ±1 dB sensitivity.
The MP34DT06J is available in a top-port, SMD-compliant, EMI-shielded package
and is guaranteed to operate over an extended temperature range from -40 °C to
+85 °C.

Applications
• Mobile terminals
• Laptop and notebook computers
• Portable media players
• VoIP
• Speech recognition
• A/V eLearning devices
• Gaming and virtual reality input devices
• Digital still and video cameras
• Antitheft systems




Similar Part No. - MP34DT06J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DT01 STMICROELECTRONICS-MP34DT01 Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP34DT01TR-M STMICROELECTRONICS-MP34DT01TR-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
More results


Similar Description - MP34DT06J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
MEMS audio sensor omnidirectional digital microphone
04-Jan-2012
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
MEMS audio sensor omnidirectional digital microphone
05-Jul-2012
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
MEMS audio sensor omnidirectional digital microphone
28-Apr-2016
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com