Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30RQ06L2 Datasheet (PDF) - STMicroelectronics

STTH30RQ06L2 Datasheet PDF - STMicroelectronics
Part # STTH30RQ06L2
Download  STTH30RQ06L2 Download
File Size   460.54 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 600 V, 30 A ultrafast high voltage rectifier

STTH30RQ06L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH30RQ06L2 Datasheet PDF - STMicroelectronics

Part # STTH30RQ06L2
Download  STTH30RQ06L2 Click to download

File Size   460.54 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 600 V, 30 A ultrafast high voltage rectifier

STTH30RQ06L2 Datasheet (HTML) - STMicroelectronics


STTH30RQ06L2 Product details

Features
• High junction temperature capability
• Ultrafast switching
• Low reverse current
• Low thermal resistance
• Reduce switching and conduction losses

Description
Housed in a HU3PAK package, this 600 V, 30 A device uses ST 600 V technology.
STTH30RQ06L2 is ideal for application use as secondary rectification diode.

Applications
• DC/DC converter
• EV charging station




Similar Part No. - STTH30RQ06L2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
More results


Similar Description - STTH30RQ06L2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
30 A, 600 V, Ultrafast ll Diode
Rev erse
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
STMicroelectronics
STTH30M06S STMICROELECTRONICS-STTH30M06S Datasheet
208Kb / 10P
600 V, 30 A ultrafast high voltage diode
03-Jun-2021
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
logo
ON Semiconductor
RHRG3060-F085 ONSEMI-RHRG3060-F085 Datasheet
5Mb / 7P
Hyperfast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH60RQ06 STMICROELECTRONICS-STTH60RQ06 Datasheet
239Kb / 13P
600 V, 60 A ultrafast high voltage rectifier
30-Mar-2020
STTH60RQ06CWL STMICROELECTRONICS-STTH60RQ06CWL Datasheet
377Kb / 11P
600 V, 2 X 30 A ultrafast high voltage rectifier
07-Feb-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com