Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP040V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IFP040V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFP040V1
Download  STEVAL-IFP040V1 Download
File Size   365.03 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on IPS1025HF in a QFN48L package

STEVAL-IFP040V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFP040V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFP040V1
Download  STEVAL-IFP040V1 Click to download

File Size   365.03 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on IPS1025HF in a QFN48L package

STEVAL-IFP040V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IFP040V1 Product details

Description
The STEVAL-IFP040V1 is an industrial digital output expansion board. It provides
a powerful and flexible environment for the evaluation of the driving and diagnostic
capabilities of the IPS1025HF single high-side, smart power, solid-state relay in a
digital output module connected to 2.5 A industrial loads.
The STEVAL-IFP040V1 can interface with the microcontroller on the STM32 Nucleo
via 5 kV optocouplers driven by the GPIO pins and Arduino® UNO R3 connectors.
The expansion board can be connected to either a NUCLEO-F401RE or a NUCLEOG431RB
development board.
You can also evaluate a system consisting of an STEVAL-IFP045V1 stacked on an
STEVAL-IFP040V1 expansion board.
Supplying the STEVAL-IFP045V1 through the main supply rail and the STEVALIFP040V1
through the output of the STEVAL-IFP045V1, you can achieve the typical
architecture of a single channel digital output for safety systems. The process stages
of the two expansion boards result cascaded. The load connected to the STEVALIFP040V1
output can be supplied only when both cascaded systems are properly working.

Features
• Based on the IPS1025HF single high-side switch, which features:
– Operating range up to 60 V
– Low-power dissipation (RON(MAX) = 25 mΩ)
– Propagation delay at startup < 60 μs
– Fast decay for inductive loads
– Smart driving of capacitive load
– Under-voltage lock-out
– Overload and overtemperature protections
– QFN48L 8x6 mm package
• Application board operating range: 8-33 V/0-2.5 A
• Extended voltage operating range (J3 open) up to 60 V
• Green LED for output on/off status (J11 close 3-4 and SW5 close 1-2)
• Red LEDs for overload and overheating diagnostics (SW2 and SW4 close 2-3)
• Output voltage on/off status feedback (J11 close 1-2)
• Control signal for fast discharge of output voltage (J11 close 5-6, J12 close)
• External fast discharge circuitry for huge inductive loads (J11 close 7-8)
• 5 kV galvanic isolation
• Supply rail reverse polarity protection
• Compatible with STM32 Nucleo development boards
• Equipped with Arduino® UNO R3 connectors
• CE certified
• RoHS and China RoHS compliant
• Not FCC approved for resale




Similar Part No. - STEVAL-IFP040V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP001V1 STMICROELECTRONICS-STEVAL-IFP001V1 Datasheet
249Kb / 4P
8-channel high-side driver demonstration board with the VN808CM-E
01-Jun-2012
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
High Side Driver - 8 Channel based on VN808
31-Jan-2006
STEVAL-IFP004V1 STMICROELECTRONICS-STEVAL-IFP004V1 Datasheet
121Kb / 4P
Digital input termination PCLT2
22-Oct-2007
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
16-bit PLC digital input card demonstration board based on the SCLT3
05-May-2009
More results


Similar Description - STEVAL-IFP040V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA097V1 STMICROELECTRONICS-STEVAL-ISA097V1 Datasheet
309Kb / 4P
2 A step-down switching demonstration board based on the L7985 in DFN10 package
27-Apr-2012
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-SAFEA1 STMICROELECTRONICS-X-NUCLEO-SAFEA1 Datasheet
316Kb / 6P
Secure element expansion board based on STSAFE-A110
14-Jan-2020
X-NUCLEO-CCA02M2 STMICROELECTRONICS-X-NUCLEO-CCA02M2 Datasheet
1Mb / 5P
Digital MEMS microphone expansion board based on MP34DT06J for STM32
18-Sep-2019
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT10A1 STMICROELECTRONICS-X-NUCLEO-OUT10A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS161HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com