Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC200 Datasheet (PDF) - STMicroelectronics

TSC200 Datasheet PDF - STMicroelectronics
Part # TSC200
Download  TSC200 Download
File Size   2539.77 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage, current sense amplifier with open drain comparator and ref

TSC200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC200 Datasheet PDF - STMicroelectronics

Part # TSC200
Download  TSC200 Click to download

File Size   2539.77 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage, current sense amplifier with open drain comparator and ref

TSC200 Datasheet (HTML) - STMicroelectronics


TSC200 Product details

Features
• Wide common mode voltage: -16 to 80 V
• 2.7 to 18 V supply voltage
• Amplification gain: 20 V/V
• 0.6 V internal reference
• Internal open-drain comparator
• Latching capability on comparator
• High accuracy: 3.5 % max. error overtemperature
• Bandwidth: 1 MHz
• Quiescent current: 1.8 mA maximum
• SO8 and MiniSO8 package

Description
The TSC200 is a high-side current sense amplifier which delivers an analog voltage
output. It can sense current via a shunt resistor over a wide range of common mode
voltages, from -16 to +80 V, whatever the supply voltage is. It is available with an
amplification gain of 20 V/V.
The TSC200 integrates an open-drain comparator with output latch function and an
internal 0.6 V voltage reference connected to its input. External resistor divider can
then set the switching threshold.
This device fully operates over the broad supply voltage range of 2.7 to 18 V and
over the industrial temperature range of -40 to +125 °C.

Applications
• High-side current sensing
• Low-side current sensing
• Overcurrent protection
• Telecom equipment
• Test and measurement equipment
• Industrial process control




Similar Part No. - TSC200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC200 STMICROELECTRONICS-TSC200 Datasheet
4Mb / 34P
High voltage, current sense amplifier with open drain comparator and ref
10-Nov-2023
TSC200 STMICROELECTRONICS-TSC200 Datasheet
4Mb / 34P
High voltage, current sense amplifier with open drain comparator and ref
30-Sep-2025
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000 Datasheet
514Kb / 35P
PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000 Datasheet
1Mb / 38P
PDA ANALOG INTERFACE CIRCUIT
More results


Similar Description - TSC200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
logo
Linear Technology
LT6118 LINER-LT6118_15 Datasheet
349Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
logo
Texas Instruments
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Linear Technology
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
logo
Texas Instruments
INA310A TI-INA310A Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com