Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM224A Datasheet PDF - Texas Instruments
Part # LM224A
Download  LM224A Download
File Size   2632.31 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers

LM224A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM224A Datasheet PDF - Texas Instruments

Part # LM224A
Download  LM224A Click to download

File Size   2632.31 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers

LM224A Datasheet (HTML) - Texas Instruments


LM224A Product details

1 Features
• Wide supply range: 3 V to 36 V (B, BA versions)
• Low input offset voltage maximum at 25°C: ±2 mV
(BA versions, LM2902A, LM124A)
• 2-kV ESD protection (HBM) (B, BA, K versions)
• Internal RF and EMI filter (B, BA versions)
• Common-mode input voltage range includes V–
• Input voltage differential can be driven up to supply
voltage
• On products compliant to MIL-PRF-38535, all
parameters are tested unless otherwise noted. On
all other products, production processing does not
necessarily include testing of all parameters.

2 Applications
• Merchant network and server power supply units
• Multi-function printers
• Power supplies and mobile chargers
• Desktop PC and motherboard
• Indoor and outdoor air conditioners
• Washers, dryers, and refrigerators
• AC inverters, string inverters, central inverters, and
voltage frequency drives
• Uninterruptible power supplies

3 Description
The LM324B and LM2902B devices are the
next-generation versions of the industry-standard
operational amplifiers (op amps) LM324 and LM2902,
which include four high-voltage (36 V) op amps.
These devices provide outstanding value for costsensitive
applications, with features including low
offset (600 μV, typical), common-mode input range to
ground, and high differential input voltage capability.
The LM324B and LM2902B op amps simplify circuit
design with enhanced features such as unity-gain
stability, lower offset voltage maximum of 3 mV (2 mV
maximum for LM324BA and LM2902BA), and lower
quiescent current of 240 μA per amplifier (typical).
High ESD (2 kV, HBM) and integrated EMI and RF
filters enable the LM324B and LM2902B devices to be
used in the most rugged, environmentally challenging
applications.




Similar Part No. - LM224A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM224A STMICROELECTRONICS-LM224A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Fairchild Semiconductor
LM224A FAIRCHILD-LM224A Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
Texas Instruments
LM224A TI-LM224A Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
STMicroelectronics
LM224A STMICROELECTRONICS-LM224A Datasheet
879Kb / 16P
Low Power Quad Operational Amplifiers
01-Mar-2001
logo
Texas Instruments
LM224A TI-LM224A Datasheet
598Kb / 24P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results


Similar Description - LM224A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM148 TI-LM148_06 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
LM124 TI-LM124 Datasheet
1Mb / 47P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM124 TI1-LM124_V03 Datasheet
3Mb / 54P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
LM124 TI1-LM124_V04 Datasheet
3Mb / 55P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED NOVEMBER 2023
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
Quadruple Operational Amplifiers
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com