Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5012 Datasheet (PDF) - Texas Instruments

LM5012 Datasheet PDF - Texas Instruments
Part # LM5012
Download  LM5012 Download
File Size   2310.54 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ

LM5012 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5012 Datasheet PDF - Texas Instruments

Part # LM5012
Download  LM5012 Click to download

File Size   2310.54 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ

LM5012 Datasheet (HTML) - Texas Instruments


LM5012 Product details

1 Features
• Designed for reliable and rugged applications
– Wide input voltage range of 6 V to 100 V
– –40°C to +125°C junction temperature range
– Fixed 3.5-ms internal soft-start timer
– Peak current-limit protection
– Input UVLO and thermal shutdown protection
– Functional Safety-Capable
• Documentation available to aid functional
safety system design
• Optimized for ultra-low EMI requirements
– Meets CISPR 25 class 5 standard
• Suited for scalable Industrial power supplies
– Pin-to-pin compatible with the LM5163-Q1 and
LM5164-Q1 (100 V, 0.5 A or 1 A), and LM5013-
Q1 (100 V, 3.5 A)
– 50-ns low minimum on times and off times
– 10-μA no-load sleep current
– 3.1-μA shutdown quiescent current
• Integration reduces solution size and cost
– COT mode control architecture
– Integrated 100-V 0.25-Ω high-side power
MOSFET
– 1.2-V internal voltage reference
– No loop compensation components
– Internal VCC bias regulator and boot diode
• Create a custom regulator design using
WEBENCH® Power Designer

2 Applications
• Hybrid, electric and powertrain systems
• Inverter and motor control
• Industrial transport

3 Description
The LM5013 non-synchronous buck converter is
designed to regulate over a wide input voltage range,
minimizing the need for external surge suppression
components. A minimum controllable on time of 50 ns
facilitates large step-down conversion ratios, enabling
the direct step-down from a 48-V nominal input to
low-voltage rails for reduced system complexity and
solution cost. The LM5013 operates during input
voltage dips as low as 6 V, at nearly 100% duty
cycle if needed, making it an excellent choice for highperformance
industrial applications.
With an integrated high-side power MOSFET, the
LM5013 delivers up to 3.5 A of output current. A
constant on-time (COT) control architecture provides
nearly constant switching frequency with excellent
load and line transient response. Additional features
of the LM5013 include ultra-low IQ and a innovative
peak overcurrent protection, integrated VCC bias
supply and bootstrap diode, precision enable and
input UVLO, and thermal shutdown protection with
automatic recovery. An open-drain PGOOD indicator
provides sequencing, fault reporting, and output
voltage monitoring.
The LM5013 is available in a 8-pin SO PowerPAD™
integrated circuit package. The device 1.27-mm pin
pitch provides adequate spacing for high-voltage
applications.




Similar Part No. - LM5012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5012 TI-LM5012 Datasheet
2Mb / 38P
LM5012 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
LM5012 TI-LM5012 Datasheet
2Mb / 38P
LM5012-Q1 Automotive 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
LM5012-Q1 TI-LM5012-Q1 Datasheet
2Mb / 38P
LM5012-Q1 Automotive 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
LM5012-Q1 TI-LM5012-Q1 Datasheet
2Mb / 38P
LM5012 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
logo
M/A-COM Technology Solu...
LM501202-M-C-300 MA-COM-LM501202-M-C-300 Datasheet
1Mb / 7P
PIN Diode Limiter
More results


Similar Description - LM5012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5164 TI1-LM5164 Datasheet
1Mb / 28P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5164-Q1 TI1-LM5164-Q1 Datasheet
1Mb / 29P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5164 TI1-LM5164_18 Datasheet
1Mb / 29P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5164-Q1 TI1-LM5164-Q1_18 Datasheet
1Mb / 29P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5163-Q1 TI1-LM5163-Q1 Datasheet
1Mb / 32P
100-V Input, 0.5-A Synchronous Buck DC/DC Converter with Ultra-low IQ
LM5163 TI1-LM5163 Datasheet
1Mb / 30P
LM5163 100-V Input, 0.5-A Synchronous Buck DC/DC Converter with Ultra-low IQ
LM5013-Q1 TI-LM5013-Q1 Datasheet
2Mb / 37P
LM5013-Q1 Automotive 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-low IQ
APRIL 2022
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5012-Q1 TI-LM5012-Q1 Datasheet
2Mb / 38P
LM5012-Q1 Automotive 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
LM5012 TI-LM5012 Datasheet
2Mb / 38P
LM5012 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com