Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA205 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA205 Datasheet PDF - Texas Instruments
Part # OPA205
Download  OPA205 Download
File Size   2587.92 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps

OPA205 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA205 Datasheet PDF - Texas Instruments

Part # OPA205
Download  OPA205 Click to download

File Size   2587.92 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps

OPA205 Datasheet (HTML) - Texas Instruments


OPA205 Product details

1 Features
• e-trim™ operational amplifier performance
– Low offset voltage: 15 μV (max, high grade)
– Low offset voltage drift: ±0.2 μV/°C (max, high
grade)
• Super beta inputs
– Input bias current: 400 pA (max, high grade)
– Input current noise: 110 fA/√Hz
• Low noise
– 0.1 to 10-Hz: 0.2 μVPP
– Voltage noise: 7.2 nV/√Hz
• AOL, CMRR, and PSRR: > 126 dB (full
temperature range)
• Gain bandwidth product: 3.6 MHz
• Low quiescent current: 240 μA (max)
• Slew rate: 4 V/μs
• Overload power limiter
• Rail-to-rail output
• EMI and RFI filtered inputs
• Wide supply: 4.5 V to 36 V
• Temperature range: –40°C to +125°C
• Available in high grade (OPAx205, preview) and
standard grade (OPAx205A)

2 Applications
• Flow transmitter
• String inverter
• Data acquisition (DAQ)
• Source measurement unit (SMU)
• Lab and field instrumentation
• Battery test
• Analog input module
• Pressure transmitter

3 Description
The OPA205 and OPA2205 (OPAx205) are the
next generation of the industry-standard OPAx277
family. These devices are precision, bipolar e-trim™
operational amplifiers with super-beta inputs. The
devices use TI's proprietary trimming technology to
achieve an input offset voltage of ±2 μV (typical) and
an input offset voltage drift of ±0.04 μV (typical).
Designed on a bipolar process, the OPAx205 provide
3.6‑MHz gain bandwidth for a mere 220 μA of
quiescent current. The devices also achieve a low
voltage noise density of only 7.2 nV/√Hz at 1 kHz.
Thanks to super-beta inputs, the OPAx205 have a
very low input bias current of 100 pA (typical) and a
current noise density of 110 fA/√Hz.
The high performance of the OPAx205 makes
these devices an excellent choice for systems
requiring high precision and low power consumption,
such as flow and pressure transmitters, portable
data acquisition (DAQ) systems, and high-density
source measurement units (SMU). The OPA206 and
OPA2206 are related devices with the same op
amp core, but with the additional feature of input
overvoltage protection.




Similar Part No. - OPA205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA205 TI-OPA205 Datasheet
2Mb / 37P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED JULY 2022
OPA205 TI-OPA205 Datasheet
2Mb / 40P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED DECEMBER 2022
OPA205 TI-OPA205 Datasheet
2Mb / 42P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPA205 TI-OPA205 Datasheet
2Mb / 4P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPA205ADR TI-OPA205ADR Datasheet
2Mb / 40P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED DECEMBER 2022
More results


Similar Description - OPA205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2205 TI1-OPA2205 Datasheet
485Kb / 18P
OPA2205 25-關V, 0.3-關V/째C, Low-Power, Super Beta, Bipolar, e-trim??Op Amp
OPA2205 TI-OPA2205_V01 Datasheet
2Mb / 33P
OPA2205 2-關V, 0.04-關V/째C, Low-Power, Super Beta, Bipolar, e-trim??Op Amp
OPA205 TI-OPA205 Datasheet
2Mb / 37P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED JULY 2022
OPA206 TI-OPA206 Datasheet
2Mb / 38P
OPAx206 Input-Overvoltage-Protected, 2-μV, 0.04-μV/°C, Low-Power Precision Op Amps
REVISED JULY 2022
OPA205 TI-OPA205_V02 Datasheet
2Mb / 40P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED DECEMBER 2022
OPA205 TI-OPA205_V03 Datasheet
2Mb / 42P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPA206 TI-OPA206_V01 Datasheet
2Mb / 39P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
REVISED MARCH 2023
OPA205 TI-OPA205_V04 Datasheet
2Mb / 4P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPA206 TI-OPA206_V02 Datasheet
2Mb / 39P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
REVISED MARCH 2023
logo
Microchip Technology
MCP621 MICROCHIP-MCP621_V01 Datasheet
2Mb / 68P
20 MHz, 200 μV Op Amps with mCal
Revision E November 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com