Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1656ID Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA1656ID Datasheet PDF - Texas Instruments
Part # OPA1656ID
Download  OPA1656ID Download
File Size   3222.56 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers

OPA1656ID Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1656ID Datasheet PDF - Texas Instruments

Part # OPA1656ID
Download  OPA1656ID Click to download

File Size   3222.56 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers

OPA1656ID Datasheet (HTML) - Texas Instruments


OPA1656ID Product details

1 Features
• Ultra-low noise:
– Voltage noise: 2.9 nV/√Hz at 10 kHz
– Current noise: 6 fA/√Hz at 1 kHz
• Low distortion:
– 0.000029% (–131 dB) at 1 kHz
– 0.000035% (–129 dB) at 20 kHz
• High open-loop gain: 150 dB
• High output current: 100 mA
• Low input bias current: 10 pA
• Slew rate: 24 V/μs
• Gain bandwidth product: 53 MHz
• Rail-to-rail output
• Wide supply range:
±2.25 V to ±18 V or 4.5 V to 36 V
• Quiescent current: 3.9 mA per channel

2 Applications
• Professional microphones and wireless systems
• Professional audio mixer/control surface
• Guitar amplifier and other music instrument
amplifier
• A/V receiver
• Bookshelf stereo system
• Professional audio amplifier
• DJ equipment
• Turntable
• Special function module

3 Description
The OPA1655 and OPA1656 (OPA165x) are Burr-
Brown™ op amps designed specifically for audio
and industrial applications, where maintaining signal
fidelity is crucial. The FET-input architecture achieves
a low 2.9‑nV/√Hz voltage noise density and 6‑fA/√Hz
current noise density, allowing for very-low noise
performance in a wide variety of circuits. The high
bandwidth and high open-loop-gain design of the
OPA165x delivers a low distortion of 0.000035%
(–129 dB) at 20 kHz, and improves audio signal
fidelity across the full audio bandwidth. These devices
also feature excellent output current drive capability,
offering rail-to-rail output swing to within 250 mV of
the power supplies with a 2‑kΩ load, and can deliver
100 mA of output current.
The OPA165x operate over a very wide supply range
of ±2.25 V to ±18 V or (4.5 V to 36 V) on 3.9 mA
of supply current to accommodate the power-supply
constraints of many types of audio products. The
temperature range is specified from –40°C to +125°C.




Similar Part No. - OPA1656ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1656ID TI1-OPA1656ID Datasheet
611Kb / 23P
Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1656ID TI-OPA1656ID Datasheet
3Mb / 38P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1656ID TI2-OPA1656ID Datasheet
3Mb / 42P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
REVISED SEPTEMBER 2022
OPA1656ID.B TI2-OPA1656ID.B Datasheet
3Mb / 42P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
REVISED SEPTEMBER 2022
OPA1656IDR TI1-OPA1656IDR Datasheet
611Kb / 23P
Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
More results


Similar Description - OPA1656ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
Low-Distortion Audio Operational Amplifiers
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
Low-Distortion Audio Operational Amplifiers
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com